Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-M0402NPO0R7B50TRPF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMC-M0402NPO0R7B50TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-M0402NPO0R7B50TRPF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMC-M0402NPO0R7B50TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC-M0402NPO0R7B50TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC-M0402NPO0R7B50TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC-M0402NPO0R7B50TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-M0402NPO0R7B50TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC-M0402NPO0R7B50TRPF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC-M Series
Multilayer Ceramic Chip Capacitors
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(MIN. @ 1GHz)
ESR
Ω
(@ 1GHz)*
NMC-M0402NPO0R1B25TRPF
0.1
B
500
3.183
NMC-M0402NPO0R2B25TRPF
0.2
B
500
1.592
NMC-M0402NPO0R3B25TRPF
0.3
B
500
1.061
NMC-M0402NPO0R4B25TRPF
0.4
B
500
0.796
NMC-M0402NPO0R5B25TRPF
0.5
B
500
0.637
NMC-M0402NPO0R6B25TRPF
0.6
B
500
0.531
NMC-M0402NPO0R7B25TRPF
0.7
B
500
0.455
NMC-M0402NPO0R8B25TRPF
0.8
B
500
0.398
NMC-M0402NPO0R9B25TRPF
0.9
B
500
0.354
NMC-M0402NPO1R0B25TRPF
1.0
B
350
0.455
NMC-M0402NPO1R1B25TRPF
1.1
B
350
0.413
NMC-M0402NPO1R2B25TRPF
1.2
B
350
0.379
NMC-M0402NPO1R3B25TRPF
1.3
B
350
0.350
NMC-M0402NPO1R5B25TRPF
1.5
B
350
0.303
NMC-M0402NPO1R6B25TRPF
1.6
B
350
0.284
NMC-M0402NPO1R8B25TRPF
1.8
B
350
0.253
NMC-M0402NPO2R0B25TRPF
2.0
B
250
0.318
NMC-M0402NPO2R2B25TRPF
2.2
B
250
0.289
NMC-M0402NPO2R4B25TRPF
2.4
B
250
0.265
NMC-M0402NPO2R7B25TRPF
2.7
B
250
0.236
NMC-M0402NPO3R0B25TRPF
3.0
B
250
0.212
NMC-M0402NPO3R3C25TRPF
3.3
C
200
0.241
NMC-M0402NPO3R9C25TRPF
3.9
C
180
0.227
NMC-M0402NPO4R7C25TRPF
4.7
C
150
0.226
NMC-M0402NPO5R6C25TRPF
5.6
C
120
0.237
NMC-M0402NPO6R8C25TRPF
6.8
C
100
0.234
NMC-M0402NPO8R2C25TRPF
8.2
C
80
0.243
NMC-M0402NPO100C25TRPF
10
C
80
0.199
NMC-M0402NPO120J25TRPF
12
J
60
0.211
NMC-M0402NPO150J25TRPF
15
J
40
0.265
*Typical ESR
0402 25 VOLT STANDARD VALUES AND CHARACTERISTICS


Similar Part No. - NMC-M0402NPO0R7B50TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-M0402NPO0R7X25TRPF NIC-NMC-M0402NPO0R7X25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-M0402NPO0R7B50TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com