Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS34D8R2YTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIS34D8R2YTRF
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS34D8R2YTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIS34D8R2YTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 6Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 7Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 8Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 9Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 10Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 11Page - NIC-Components Corp. NPIS34D8R2YTRF Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 52 (6.0 x 6.0 x 2.0mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS52D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.053
2
NPIS52D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.06
1.9
NPIS52D5R6YTRF
5.6 ± 30%*
100KHz, 0.3V
0.076
1.6
NPIS52D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.105
1.4
NPIS52D100MTRF
10 ± 20%
1KHz, 0.3V
0.124
1.2
NPIS52D120MTRF
12 ± 20%
1KHz, 0.3V
0.153
1.1
NPIS52D180MTRF
18 ± 20%
1KHz, 0.3V
0.21
0.85
NPIS52D220MTRF
22 ± 20%
1KHz, 0.3V
0.29
0.8
NPIS52D270MTRF
27 ± 20%
1KHz, 0.3V
0.33
0.75
NPIS52D330MTRF
33 ± 20%
1KHz, 0.3V
0.386
0.65
NPIS52D390MTRF
39 ± 20%
1KHz, 0.3V
0.52
0.57
NPIS52D470MTRF
47 ± 20%
1KHz, 0.3V
0.595
0.54
NPIS52D560MTRF
56 ± 20%
1KHz, 0.3V
0.665
0.5
NPIS52D680MTRF
68 ± 20%
1KHz, 0.3V
0.84
0.43
NPIS52D820MTRF
82 ± 20%
1KHz, 0.3V
0.978
0.41
NPIS52D101MTRF
100 ± 20%
1KHz, 0.3V
1.2
0.36
NPIS52D121MTRF
120 ± 20%
1KHz, 0.3V
1.5
0.33
NPIS52D151MTRF
150 ± 20%
1KHz, 0.3V
1.71
0.31
NPIS52D181MTRF
180 ± 20%
1KHz, 0.3V
3.38
0.21
NPIS52D221MTRF
220 ± 20%
1KHz, 0.3V
4.34
0.18
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS34D8R2YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS34D NIC-NPIS34D Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS34D8R2YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com