Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS32L220MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS32L220MTRF
Description  NPIS Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32L220MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS32L220MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Part Number
STANDARD VALUES - CASE SIZE 30 (3.0 x 3.0 x 1.2mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS32L1R0YTRF
1.0 ± 30%
0.05
1.50
1.49
100KHz
NPIS32L1R5YTRF
1.5 ± 30%
0.06
1.36
1.40
NPIS32L2R2MTRF
2.2 ± 20%
0.08
1.10
1.20
NPIS32L3R3MTRF
3.3 ± 20%
0.10
0.91
1.05
NPIS32L4R7MTRF
4.7 ± 20%
0.13
0.77
0.98
NPIS32L6R8MTRF
6.8 ± 20%
0.19
0.67
0.74
NPIS32L100MTRF
10 ± 20%
0.29
0.54
0.63
NPIS32L150MTRF
15 ± 20%
0.45
0.44
0.485
NPIS32L220MTRF
22 ± 20%
0.63
0.375
0.42
NPIS32L330MTRF
33 ± 20%
1.03
0.31
0.33
NPIS32L470MTRF
47 ± 20%
1.45
0.25
0.28
Part Number
STANDARD VALUES - CASE SIZE (3.0 x 3.0 x 1.5mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS35L1R0YTRF
1.0 ± 30%
0.03
2.10
2.10
100KHz
NPIS35L1R5YTRF
1.5 ± 30%
0.04
1.80
1.82
NPIS35L2R2MTRF
2.2 ± 20%
0.06
1.48
1.50
NPIS35L3R3MTRF
3.3 ± 20%
0.08
1.21
1.23
NPIS35L4R7MTRF
4.7 ± 20%
0.12
1.02
1.04
NPIS35L6R8MTRF
6.8 ± 20%
0.16
0.87
0.88
NPIS35L100MTRF
10 ± 20%
0.23
0.70
0.71
NPIS35L150MTRF
15 ± 20%
0.36
0.56
0.56
NPIS35L220MTRF
22 ± 20%
0.52
0.47
0.47
NPIS35L330MTRF
33 ± 20%
0.84
0.39
0.37
NPIS35L470MTRF
47 ± 20%
1.34
0.32
0.30
Part Number
STANDARD VALUES - CASE SIZE (4.0 x 4.0 x 1.0mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS40L1R0YTRF
1.0 ± 30%
0.10
1.80
1.05
100KHz
NPIS40L2R2YTRF
2.2 ± 30%
0.15
1.15
0.89
NPIS40L3R3MTRF
3.3 ± 20%
0.18
1.10
0.82
NPIS40L4R7MTRF
4.7 ± 20%
0.21
0.90
0.75
NPIS40L6R8MTRF
6.8 ± 20%
0.30
0.74
0.62
NPIS40L100MTRF
10 ± 20%
0.38
0.56
0.60
NPIS40L150MTRF
15 ± 20%
0.51
0.47
0.51
NPIS40L220MTRF
22 ± 20%
0.87
0.36
0.40
NPIS40L330MTRF
33 ± 20%
1.54
0.28
0.30
NPIS40L470MTRF
47 ± 20%
1.81
0.24
0.28
NPIS_L Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.


Similar Part No. - NPIS32L220MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS32L NIC-NPIS32L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS32LA NIC-NPIS32LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LP NIC-NPIS32LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LS NIC-NPIS32LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS32LS100MTRF NIC-NPIS32LS100MTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS32L220MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com