Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS117A070-TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS117A070-TRF
Description  NPIS Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS117A070-TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS117A070-TRF Datasheet HTML 1Page - NIC-Components Corp. NPIS117A070-TRF Datasheet HTML 2Page - NIC-Components Corp. NPIS117A070-TRF Datasheet HTML 3Page - NIC-Components Corp. NPIS117A070-TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
2 minutes or more
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
NPIS_A Series
NPIS Shielded Power Inductors
Series
A
B
C
NPIS75A
2.03
3.30
3.05
NPIS105A
2.03
6.35
3.05
NPIS117A
3.56
4.06
2.54
NPIS119A
3.05
5.33
2.54
NPIS138A
3.18
7.11
7.62
C
B
AA
LAND PATTERN DIMENSIONS (mm)


Similar Part No. - NPIS117A070-TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS117A070_TRF NIC-NPIS117A070_TRF Datasheet
86Kb / 4P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS117A070-TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com