Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS20D1R2YTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS20D1R2YTRF
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS20D1R2YTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS20D1R2YTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 6Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 7Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 8Page - NIC-Components Corp. NPIS20D1R2YTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Part Number
Standard Values - Case Size 20 (3.3 x 3.3 x 1.1mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS20D1R2YTRF
1.2 ± 30%*
100KHz, 0.3V
0.097
0.8
NPIS20D1R5YTRF
1.5 ± 30%*
100KHz, 0.3V
0.11
0.73
NPIS20D1R8YTRF
1.8 ± 30%*
100KHz, 0.3V
0.131
0.65
NPIS20D2R2YTRF
2.2 ± 30%*
100KHz, 0.3V
0.144
0.6
NPIS20D2R5YTRF
2.5 ± 30%*
100KHz, 0.3V
0.15
0.53
NPIS20D3R0YTRF
3.0 ± 30%*
100KHz, 0.3V
0.194
0.47
NPIS20D3R9YTRF
3.9 ± 30%*
100KHz, 0.3V
0.225
0.45
NPIS20D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.288
0.4
NPIS20D5R6YTRF
5.6 ± 30%*
100KHz, 0.3V
0.325
0.37
NPIS20D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.425
0.33
NPIS20D8R2YTRF
8.2 ± 30%*
100KHz, 0.3V
0.457
0.3
NPIS20D100MTRF
10 ± 20%
1KHz, 0.3V
0.538
0.28
DIMENSIONS (mm)
Series
A
B
C
D typ.
E
F typ.
NPIS20D
3.0 ± 0.3
3.0 ± 0.3
0.9 ± 0.2
1.2
3.9 ± 0.5
1.2
NPIS21D
3.0 ± 0.3
3.0 ± 0.3
1.1 ± 0.2
1.2
3.9 ± 0.5
1.2
NPIS24D
3.0 ± 0.3
3.0 ± 0.3
1.4 ± 0.2
1.2
3.9 ± 0.5
1.2
NPIS28D
3.0 ± 0.3
3.0 ± 0.3
1.9 ± 0.2
1.2
3.9 ± 0.5
1.2
NPIS33D
3.9 ± 0.3
3.9 ± 0.3
1.1 ± 0.2
1.4
5.0 ± 0.5
1.4
NPIS34D
3.9 ± 0.3
3.9 ± 0.3
1.4 ± 0.2
1.4
5.0 ± 0.5
1.4
NPIS35D
3.9 ± 0.3
3.9 ± 0.3
1.6 ± 0.2
1.4
5.0 ± 0.5
1.4
NPIS36D
3.9 ± 0.3
3.9 ± 0.3
1.9 ± 0.2
1.4
5.0 ± 0.5
/
NPIS39D
3.9 ± 0.3
3.9 ± 0.3
3.0 ± 0.2
1.2
5.0 ± 0.5
/
NPIS42D
4.7 ± 0.3
4.7 ± 0.3
1.8 ± 0.2
1.4
6.4 ± 0.5
/
NPIS43D
4.7 ± 0.3
4.7 ± 0.3
2.8 ± 0.2
1.4
6.4 ± 0.5
/
NPIS52D
5.7 ± 0.3
5.7 ± 0.3
1.8 ± 0.2
1.8
7.7 ± 0.5
/
NPIS53D
5.7 ± 0.3
5.7 ± 0.3
2.8 ± 0.2
1.8
7.7 ± 0.5
/
NPIS63D
6.7 ± 0.3
6.7 ± 0.3
2.8 ± 0.2
2.0
9.0 ± 0.5
/
NPIS64D
6.7 ± 0.3
6.7 ± 0.3
3.8 ± 0.2
2.0
9.0 ± 0.5
/
NPIS83D
9.6 ± 0.5
8.0 ± 0.3
2.7 ± 0.3
8.3
/
/
NPIS84D
9.6 ± 0.5
8.0 ± 0.3
3.7 ± 0.3
8.3
/
/
NPIS85D
9.6 ± 0.5
8.0 ± 0.3
4.2 ± 0.3
8.3
/
/
NPIS36D, 39D, 42D, 43D, 52D,
53D, 63D & 64D
NPIS20D, 21D, 24D, 28D, 33D
34D & 35D
C
A
B
220
Terminations:
Cu base & Sn finish
NPIS__D Series
NPIS Shielded Power Inductors
100
A
B
C
D
Terminations:
Cu base & Au finish
B
A
D
C
NPIS83D, 84D & 85D
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS20D1R2YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS20D NIC-NPIS20D Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS20D1R2YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com