Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS-D Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS-D
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-D Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS-D Datasheet HTML 1Page - NIC-Components Corp. NPIS-D Datasheet HTML 2Page - NIC-Components Corp. NPIS-D Datasheet HTML 3Page - NIC-Components Corp. NPIS-D Datasheet HTML 4Page - NIC-Components Corp. NPIS-D Datasheet HTML 5Page - NIC-Components Corp. NPIS-D Datasheet HTML 6Page - NIC-Components Corp. NPIS-D Datasheet HTML 7Page - NIC-Components Corp. NPIS-D Datasheet HTML 8Page - NIC-Components Corp. NPIS-D Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• SMALL SIZE WITH CURRENT RATINGS TO 5.2 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 1000
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
Case Size
NPIS20D
NPIS21D
NPIS24D
NPIS28D
NPIS33D
NPIS34D
NPIS35D
Inductance Range
1.2 ~ 10
μH
1.2 ~ 100
μH
1.5 ~ 12
μH
2.2 ~ 47
μH
2.7 ~ 39
μH
1.2 ~ 22
μH
1.5 ~ 33
μH
Ambient Operating
Temperature Range
-55°C ~ +85°C
Maximum Component
Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise
at Irms
+40°C max.
Inductance Change
at Isat
-35% typical
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder
Heat
+250°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Size
NPIS36D
NPIS39D
NPIS42D
NPIS43D
NPIS52D
NPIS53D
NPIS63D
NPIS64D
Inductance Range
1.5 ~ 47
μH
3.3 ~ 47
μH
1.0 ~ 180
μH
1.2 ~ 270
μH
3.3 ~ 220
μH
2.2 ~ 680
μH
3.3 ~ 680
μH
1.5 ~ 1000
μH
Ambient Operating
Temperature Range
-55°C ~ +85°C
Maximum Component
Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at
I rms
+40°C max
Inductance Change at
I sat
-35% typical
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder
Heat
+250°C for 10 seconds
Case Size
NPIS83D
NPIS84D
NPIS85D
Inductance Range
2.5 ~ 100
μH
1.8 ~ 100
μH
2.0 ~ 100
μH
Ambient Operating
Temperature Range
-55°C ~ +85°C
Maximum Component
Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at
I rms
+40°C max
Inductance Change at
I sat
-35% typical
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder
Heat
+250°C for 10 seconds
NPIS 42 D 150 M TR
F
Termination Finish:
F = Standard Pb-free (100%Sn)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%, Y=±30%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
N
N = Optional 90° Taping Orientation
U = Optional 180° Taping Orientation


Similar Part No. - NPIS-D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
NPIS-F NIC-NPIS-F Datasheet
49Kb / 4P
   NPIS Shielded Power Inductors
NPIS-H NIC-NPIS-H Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
NPIS-L NIC-NPIS-L Datasheet
121Kb / 6P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS-D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com