Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-M0201NPO2R0-25TRPF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMC-M0201NPO2R0-25TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-M0201NPO2R0-25TRPF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMC-M0201NPO2R0-25TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC-M0201NPO2R0-25TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC-M0201NPO2R0-25TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC-M0201NPO2R0-25TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-M0201NPO2R0-25TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC-M0201NPO2R0-25TRPF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC-M Series
Multilayer Ceramic Chip Capacitors
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(MIN. @ 1GHz)
ESR
Ω
(@ 1GHz)*
NMC-M0201NPO0R1_25TRPF
0.1
B, C
350
0.900
NMC-M0201NPO0R2_25TRPF
0.2
B, C
350
0.900
NMC-M0201NPO0R3_25TRPF
0.3
B, C
350
0.900
NMC-M0201NPO0R4_25TRPF
0.4
B, C
350
0.900
NMC-M0201NPO0R5_25TRPF
0.5
B, C
350
0.800
NMC-M0201NPO0R6_25TRPF
0.6
B, C
350
0.700
NMC-M0201NPO0R7_25TRPF
0.7
B, C
350
0.600
NMC-M0201NPO0R8_25TRPF
0.8
B, C
350
0.500
NMC-M0201NPO0R9_25TRPF
0.9
B, C
350
0.500
NMC-M0201NPO1R0_25TRPF
1.0
B, C
350
0.400
NMC-M0201NPO1R1_25TRPF
1.1
B, C
300
0.400
NMC-M0201NPO1R2_25TRPF
1.2
B, C
300
0.350
NMC-M0201NPO1R3_25TRPF
1.3
B, C
300
0.300
NMC-M0201NPO1R5_25TRPF
1.5
B, C
300
0.300
NMC-M0201NPO1R6_25TRPF
1.6
B, C
300
0.300
NMC-M0201NPO1R8_25TRPF
1.8
B, C
300
0.300
NMC-M0201NPO2R0_25TRPF
2.0
B, C
250
0.300
NMC-M0201NPO2R2_25TRPF
2.2
B, C
250
0.250
NMC-M0201NPO2R4_25TRPF
2.4
B, C
250
0.250
NMC-M0201NPO2R7_25TRPF
2.7
B, C
250
0.250
NMC-M0201NPO3R0_25TRPF
3.0
B, C
200
0.250
NMC-M0201NPO3R3_25TRPF
3.3
B, C
200
0.250
NMC-M0201NPO3R9_25TRPF
3.9
B, C
200
0.200
NMC-M0201NPO4R7_25TRPF
4.7
B, C
200
0.150
NMC-M0201NPO5R6_25TRPF
5.6
B, C, D
120
0.150
NMC-M0201NPO6R8_25TRPF
6.8
B, C, D
120
0.150
NMC-M0201NPO8R2_25TRPF
8.2
B, C, D
120
0.150
NMC-M0201NPO100_25TRPF
10
F, G, J
120
0.150
*Typical ESR
0201 25 VOLT STANDARD VALUES AND CHARACTERISTICS


Similar Part No. - NMC-M0201NPO2R0-25TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-M0402NPO0R1A25TRPF NIC-NMC-M0402NPO0R1A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R2A25TRPF NIC-NMC-M0402NPO0R2A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R3A25TRPF NIC-NMC-M0402NPO0R3A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R4A25TRPF NIC-NMC-M0402NPO0R4A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R5A25TRPF NIC-NMC-M0402NPO0R5A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-M0201NPO2R0-25TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com