Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI17L2R2MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPI17L2R2MTRF
Description  NPI Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI17L2R2MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPI17L2R2MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI17L2R2MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI17L2R2MTRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
51
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NPI Power Inductors
NPI__L Series
Part Number
STANDARD VALUES - CASE SIZE 17 (5.5 x 6.6 x 1.2mm)
Inductance Value
(µH)
DC Resistance
(
Ω)
DC Current
Isat (Irms)
Test Frequency
NPI17L1R2MTRF
1.2
µH ±20%
0.12
2.10
100KHz
NPI17L1R5MTRF
1.5
µH ±20%
0.15
1.90
NPI17L2R2MTRF
2.2
µH ±20%
0.20
1.60
NPI17L3R3MTRF
3.3
µH ±20%
0.25
1.30
NPI17L4R7MTRF
4.7
µH ±20%
0.28
1.10
NPI17L6R8MTRF
6.8
µH ±20%
0.32
0.90
NPI17L100MTRF
10
µH ±20%
0.41
0.80
NPI17L150MTRF
15
µH ±20%
0.60
0.65
NPI17L220MTRF
22
µH ±20%
0.85
0.50
NPI17L330MTRF
33
µH ±20%
1.30
0.40
NPI17L470MTRF
47
µH ±20%
1.80
0.35
NPI17L680MTRF
68
µH ±20%
2.50
0.30
NPI17L101MTRF
100
µH ±20%
3.50
0.25
NPI17L151MTRF
150
µH ±20%
5.00
0.18
NPI17L221MTRF
220
µH ±20%
8.00
0.16
NPI17L331MTRF
330
µH ±20%
15.0
0.13
FEATURES
• ULTRA LOW PROFILE (1.2mm MAX. HEIGHT)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 330
µH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
CHARACTERISTICS
Case Size
NPI17L
Inductance Range
1.2
µH ~ 330µH
Temperature Range
-20°C ~ +105°C
Temperatrue Rise at Irms
40°C max.
Inductance Change at Isat
-30% typical
Inductance Tolerance
20% (M)
Resistance to Solder Heat
260°C for 5 seconds
NPI 17 L 4R7 M TR F
RoHS compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (
µH): 1st two digits are significant,
3rd digit is multiplier for values from 10
µH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.


Similar Part No. - NPI17L2R2MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI104C NIC-NPI104C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
301Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI17L2R2MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com