Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI32C1R8MTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPI32C1R8MTRF
Description  NPI Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI32C1R8MTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

  NPI32C1R8MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI32C1R8MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
62
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Chip size
CARRIER TAPE DIMENSIONS (mm)
Bo
Ao
Ko
P
W
E
F
Po
t
NPI32C
3.7±0.1
3.2±0.1
2.3±0.1
8.0±0.1
12.0±0.1
1.75±0.1
5.5±0.1
4.0±0.1
0.35±0.05
NPI43C
4.6±0.1
4.1±0.1
3.6±0.1
8.0±0.1
12.0±0.1
0.40±0.05
NPI52C
6.0±0.1
5.4±0.1
2.3±0.1
8.0±0.1
12.0±0.1
0.35±0.05
NPI54C
6.1±0.1
5.6±0.1
4.8±0.1
8.0±0.1
12.0±0.1
0.40±0.05
NPI73C
8.1±0.1
7.3±0.1
4.0±0.1
12.0±0.1
16.0±0.1
7.5±0.1
0.40±0.05
NPI75C
8.1±0.1
7.3±0.1
5.3±0.1
12.0±0.1
16.0±0.1
0.40±0.05
NPI104C
10.3±0.1
9.3±0.1
4.5±0.1
16.0±0.1
24.0±0.1
11.5±0.1
0.40±0.05
NPI105C
10.3±0.1
9.3±0.1
6.1±0.1
16.0±0.1
24.0±0.1
0.40±0.05
Po
P
E
W
F
K0
B0
A0
t
NPI Power Inductors
NPI__C Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
12mm
13.5 ± 0.5
100±1
13±0.5
330
16mm
16.5 ±0.5
24mm
24.5 ±0.5
Size
REEL QUANTITY PER CASE SIZE
NPI32C
NPI43C
NPI52C
NPI54C
NPI73C
NPI75C
NPI104C
NPI105C
Quantity per reel
3,000
2000
3,000
1,500
1,000
1,000
800
500
Tape Width
12mm
12mm
12mm
12mm
16mm
16mm
24mm
24mm
B
C
D
A


Similar Part No. - NPI32C1R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI32C1R8MTRF NIC-NPI32C1R8MTRF Datasheet
301Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI32C1R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com