Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMO200SGTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMO200SGTRF
Description  Metal Oxide Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMO200SGTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMO200SGTRF Datasheet HTML 1Page - NIC-Components Corp. NMO200SGTRF Datasheet HTML 2Page - NIC-Components Corp. NMO200SGTRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Resistor Taping Specifications & Mechanical Characteristics
TAPE
TAPE DIMENSIONS (mm)
MECHANICAL CHARACTERISTICS
LEAD PULL TEST
The lead wire shall withstand steady pull of the following weight axially to the lead wire for the minimum period of 10 seconds
without any breakage or damage:
LEAD BEND TEST
The lead wire shall withstand minimum 4 bends of 90o rotation without any breakage or damage, when the resistor is placed in a
vertical position and is applied with a weight of 0.5Kgs for 0.4 - 0.5omm or 1.1Kgs for 0.6omm and over lead wire.
SOLDERABILITY
The lead wire is immersed into 10% methanol or isopropyl alcohol of rosin by weight for a period of 2
± 0.5 seconds. Then, it shall
be dipped into molten solder melted at 230
± 5oC for a period of 5 ± 1 seconds approximately 1.5mm from the body of the resistor.
A new adhering coating of solder shall cover minimum 95% of the surface being dipped into solder.
RESISTANCE TO CLEANING SOLVENTS
Color coating or marking shall remain legible after cleaning by solvents such as isopropyl alcohol, trichloroethylene, freon®
TF/TAX, xyliene etc., in form of liquid or gas.
E
A
C
D
B
Power
Rating
(Wattage)
A
B
C
D max.
E max.
1/8W
52 ± 1.0
5 ± 0.5
6 ± 0.3
0.6
1.2
1/4W
52 ± 1.0
5 ± 0.5
6 ± 0.3
0.6
1.2
1/2W
52 ± 1.0
5 ± 0.5
6 ± 0.3
0.6
1.2
1W
52.4 ± 1.5
5 ± 0.6
6 ± 0.3
0.6
1.2
63.5 ± 1.5
2W
52.4 ± 1.5
5 ± 0.6
6 ± 0.3
0.6
1.2
63.5 ± 1.5
10 ± 1.0
3W
52.4 ± 1.5
5 ± 0.6
6 ± 0.3
0.6
1.2
63.5 ± 1.5
10 ± 1.0
REEL
B
Label
F
Arbor Hole Dia.
E
Hub Recess I.D.
D
C
Recess Depth
A
Power Rating A max.
B
C ref. D max. E max F ± 1.0
1/8W ~ 2W
60
40 ~ 100
16
312
53
15
3W
70 ± 10
14.5
REEL DIMENSIONS (mm)
Nom. Lead Diameter
0.4
φmm
0.5
φmm
0.6
φmm
0.7
φmm
0.8
φmm & over
Steady Weight
1.0Kgs.
1.0Kgs.
1.5Kgs
2.0Kgs.
2.5Kgs.


Similar Part No. - NMO200SGTRF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO2 PULSE-NMO2 Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70B PULSE-NMO2/70B Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70BCO PULSE-NMO2/70BCO Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70SH PULSE-NMO2/70SH Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO220B PULSE-NMO220B Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Similar Description - NMO200SGTRF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com