Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC0805X7R475K6.3TRPLPF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NMC0805X7R475K6.3TRPLPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0805X7R475K6.3TRPLPF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NMC0805X7R475K6.3TRPLPF Datasheet HTML 3Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 4Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 5Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 6Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 7Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 8Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 9Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 10Page - NIC-Components Corp. NMC0805X7R475K6.3TRPLPF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
REEL DIMENSIONS (mm)
7 INCH REEL QUANTITIES*
*Quantity dependent on chip thickness. Contact NIC for reel
quantities on larger diameter reels.
Size
0201
0402
0603
0805
1206
1210
1812
2220
2225
Tape Size
8mm
8mm
8mm
8mm
8mm
8mm
12mm
12mm
12mm
Min. Qty
Per Reel
20,000
10,000
4,000
4,000
4,000
1,000
500
700
400
Max. Qty
Per Reel
20,000
10,000
4,000
5,000
5,000
5,000
2,000
1,000
1,000
Reel Diameter (A)
B
C
D
T max.
7” (178 ± 2.0)
13 ± 0.5
50 min.
21 ± 1.0
8.4 +1.0/-0
(1812 case size and larger
12.4 +2.0/-0)
10” (250 ± 2.0)
100 ± 1.0
13” (330 ± 2.0)
100 ± 1.0
C
T
A
REEL
Taping Specifications
Multilayer Ceramic Chip Capacitors


Similar Part No. - NMC0805X7R475K6.3TRPLPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0805X7R475K63TRPLPF NIC-NMC0805X7R475K63TRPLPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0805X7R475K6.3TRPLPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com