Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2055 Datasheet(PDF) 3 Page - NEC

Part # 2SK2055
Description  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2055 Datasheet(HTML) 3 Page - NEC

  2SK2055 Datasheet HTML 1Page - NEC 2SK2055 Datasheet HTML 2Page - NEC 2SK2055 Datasheet HTML 3Page - NEC 2SK2055 Datasheet HTML 4Page - NEC 2SK2055 Datasheet HTML 5Page - NEC 2SK2055 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2055
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
100
80
60
40
20
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
1
10
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
2.0
1.6
1.2
0.8
0.4
VDS - Drain to Source Voltage - V
TRANSFER CHARACTERISTICS
0
10
1
0.1
0.01
0.001
VGS - Gate to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0.001
10
1
0.1
0.01
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0.01
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
ID - Drain Current - A
30
60
90
120
150
5
2
1
0.5
0.2
0.1
2
5
10
20
50
100
Single
Pulse
PW
=
1
ms
10
ms
100
ms
DC
VGS = 2 V
0.5
1
1.5
2
2.5
VDS = 10 V
TA = 75 ˚C
25 ˚C
–25 ˚C
VDS = 10 V
0.003
0.01
0.03
0.1
0.3
1
25 ˚C
75 ˚C
0.1
0.03
0.3
1
3
10
VGS = 4 V
TA = 75 ˚C
25 ˚C
–25 ˚C
0.2
0.4
0.6
0.8
1.0
TA = –25 ˚C


Similar Part No. - 2SK2055

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2055 RENESAS-2SK2055 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SK2055

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com