Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLM-210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLM-210
Description  MOLDED, SELF-RETAINING LED MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLM-210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLM-210 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ø.290 [Ø7.4mm]
Ø.250 [Ø6.4mm]
H
0.100 [2.5mm]
0.025 [0.6mm]
Ø.045 [Ø1.1mm]
TYP.
CATHODE I.D.
MARKING
Ø.230 [Ø5.8mm]
.565 (14.3mm)
.575 (14.6mm)
.585 (14.9mm)
.595 (15.1mm)
.635 (16.1mm)
.655 (16.6mm)
.675 (17.1mm)
.695 (17.5mm)
.615 (15.6mm)
.735 (18.6mm)
.755 (19.2mm)
.775 (19.7mm)
.795 (20.2mm)
.715 (18.2mm)
H
.285 (7.1mm)
.295 (7.2mm)
.305 (7.7mm)
.315 (8.0mm)
.355 (9.0mm)
.345 (8.8mm)
.335 (8.5mm)
.325 (8.3mm)
.365 (9.3mm)
.395 (10.0mm)
.385 (9.8mm)
.415 (10.5mm)
.405 (10.3mm)
.375 (9.5mm)
SLM-230
.230 (5.8mm)
SLM-250
SLM-260
SLM-270
SLM-240
.240 (6.1mm)
.250 (6.4mm)
.260 (6.6mm)
.270 (6.9mm)
.170 (4.3mm)
SLM-170
SLM-210
SLM-200
SLM-190
SLM-220
SLM-180
.190 (4.8mm)
.200 (5.1mm)
.210 (5.3mm)
.220 (5.6mm)
.180 (4.6mm)
PART NO.
SLM-140
SLM-150
SLM-160
SH ( Ref.)
.140 (3.6mm)
.150 (3.8mm)
.160 (4.1mm)
SLM-570
SLM-370
.370 (9.4mm)
.515 (13.1mm)
.570 (14.5mm)
.525 (13.3mm)
.535 (13.6mm)
.545 (13.8mm)
.555 (14.1mm)
SLM-390
SLM-410
SLM-400
SLM-380
.380 (9.7mm)
.390 (9.9mm)
.400 (10.2mm)
.410 (10.4mm)
SLM-610
SLM-630
SLM-650
SLM-590
.590 (15.0mm)
.610 (15.5mm)
.630 (16.0mm)
.650 (16.5mm)
.435 (11.0mm)
.425 (10.8mm)
.445 (11.3mm)
.455 (11.6mm)
.475 (12.1mm)
.485 (12.3mm)
.495 (12.6mm)
.505 (12.8mm)
.465 (11.8mm)
.310 (7.9mm)
SLM-310
SLM-330
SLM-340
SLM-350
SLM-360
SLM-320
.330 (8.4mm)
.340 (8.6mm)
.350 (8.9mm)
.360 (9.1mm)
.320 (8.1mm)
SLM-300
SLM-290
PART NO.
SLM-280
.300 (7.6mm)
.290 (7.4mm)
.280 (7.1mm)
SLM-450
.450 (11.4mm)
SLM-490
SLM-510
SLM-530
SLM-550
SLM-470
.470 (11.9mm)
.490 (12.4mm)
.510 (13.0mm)
.530 (13.5mm)
.550 (13.8mm)
SLM-440
SLM-430
PART NO.
SLM-420
H
.420 (10.7mm)
.430 (10.9mm)
.440 (11.2mm)
SLM-850
.850 (21.6mm)
.995 (25.3mm)
SLM-870
SLM-890
.890 (22.6mm)
.870 (22.1mm)
1.035 (26.3mm)
1.015 (25.8mm)
SLM-730
.730 (18.5mm)
SLM-810
SLM-790
SLM-770
SLM-830
SLM-750
.750 (19.1mm)
.830 (21.1mm)
.810 (20.6mm)
.790 (20.1mm)
.770 (19.6mm)
SLM-670
PART NO.
SLM-690
SLM-710
H
.710 (18.0mm)
.690 (17.5mm)
.670 (17.0mm)
.875 (22.2mm)
.975 (24.8mm)
.955 (24.3mm)
.935 (23.7mm)
.915 (23.2mm)
.895 (22.7mm)
H
.855 (21.7mm)
.835 (21.2mm)
.815 (20.7mm)
STANDARD TOLERANCE
®
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
CAGE CODE : 32559
PART NO:
TITLE:
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
MOLDED, SELF-RETAINING LED MOUNT
DECIMALS
.X
± .1
.XX
± .01
.XXX
± .005
Michael Chen
D. Green
( UNLESS OTHERWISE SPECIFIED )
DESIGNED:
CHECKED:
ANGULAR
DATE:
DATE:
± 1°
04/23/03
04/23/03
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
SHEET #
OF
SLM-XXX
REVISION:
1
1
D
Engineering Update w/o Changes
B
REV.
DESCRIPTION
03/01/04
DATE
M. C.
APPROVED
2. MATERIAL: NYLON 6/6, 94V-0, BLACK. BIVAR MATERIAL CODE 22-BK.
RTP POLYAMIDE NYLON 6/6, 0200 FR, BLACK OR MODIFIED PLASTICS MN6/6-SE BK.
C
Removed Optional Locator Pin, Generated
SLM-XXX-LP
11/11/04
M. C.
SH
0.15 [3.8mm]
REF.
SH ( Ref.)
SH ( Ref.)
SH ( Ref.)
D
Tolerance adjustment @ "SH"
12/06/04
M. C.


Similar Part No. - SLM-210

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
   1700-2000 MHz High Linearity
SLM-20T SIRENZA-SLM-20T Datasheet
169Kb / 5P
   1700-2000 MHz High Linearity Low Noise Amplifier Module
SLM-20TY SIRENZA-SLM-20TY Datasheet
169Kb / 5P
   1700-2000 MHz High Linearity Low Noise Amplifier Module
SLM-20T SIRENZA-SLM-20T_1 Datasheet
169Kb / 5P
   1700-2000 MHz High Linearity Low Noise Amplifier Module
logo
SHINMEI ELECTRIC CO., L...
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
   2mm Travel Miniature Sized Slide Switch
More results

Similar Description - SLM-210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM-700 ETC1-LTM-700 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
NTM-300 ETC1-NTM-300 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
LTM-170 ETC2-LTM-170 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
LTM-240 ETC2-LTM-240 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
ELM3-050 ETC2-ELM3-050 Datasheet
15Kb / 1P
   EXTRUDED, SELF-RETAINING LED MOUNT
ELM4-555 ETC2-ELM4-555 Datasheet
14Kb / 1P
   EXTRUDED, SELF-RETAINING LED MOUNT
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
   SELF RETAINING SPACERS
logo
Wurth Elektronik GmbH &...
70291XXXX WURTH-70291XXXX Datasheet
40Kb / 1P
   AsSNSR Self-retaining spacer
logo
Richco, Inc.
SRSG6-04-01 RICHCO-SRSG6-04-01 Datasheet
39Kb / 1P
   SELF RETAINING SCREW GROMMET
logo
List of Unclassifed Man...
SRS-1-7MM ETC2-SRS-1-7MM Datasheet
154Kb / 1P
   SELF-RETAINING PVC SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com