Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL06G822J Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL06G822J
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL06G822J Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL06G822J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LHL06G822J Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
314
アイテム一覧 PART NUMBERS
LHL10G3R3M
3.3
46.0
0.019
4.2
LHL10G3R9M
3.9
40.0
0.022
4.1
LHL10G4R7M
4.7
M
20L
50.0
38.0
0.024
4.0
7.96
LHL10G5R6M
5.6
34.0
0.025
3.8
LHL10G6R8M
6.8
30.0
0.028
3.4
LHL10G8R2M
8.2
24.0
0.031
3.3
LHL10G100K
10.0
19.0
0.034
3.2
LHL10G120K
12.0
90.0
16.0
0.038
2.8
LHL10G150K
15.0
12.0
0.042
2.6
LHL10G180K
18.0
9.2
0.046
2.4
LHL10G220K
22.0
8.6
0.061
2.1
LHL10G270K
27.0
60.0
7.1
0.069
2.0
LHL10G330K
33.0
6.8
0.078
1.9
2.52
LHL10G390K
39.0
6.7
0.085
1.8
LHL10G470K
47.0
50.0
6.2
0.093
1.7
LHL10G560K
56.0
5.2
0.10
1.6
LHL10G680K
68.0
4.9
0.12
1.5
LHL10G820K
82.0
M
10L
4.7
0.13
1.4
LHL10G101K
100.0
3.8
0.18
1.2
LHL10G121K
120.0
40.0
3.2
0.25
1.0
LHL10G151K
150.0
2.9
0.29
0.95
LHL10G181K
180.0
2.6
0.40
0.80
LHL10G221K
220.0
2.3
0.44
0.75
LHL10G271K
270.0
2.1
0.50
0.70
0.796
LHL10G331K
330.0
2.0
0.56
0.68
LHL10G391K
390.0
1.8
0.62
0.63
LHL10G471K
470.0
30.0
1.7
0.84
0.57
LHL10G561K
560.0
1.5
0.93
0.52
LHL10G681K
680.0
1.4
1.0
0.48
LHL10G821K
820.0
1.3
1.4
0.42
LHL10G102J
1000.0
1.2
1.8
0.41
LHL10G122J
1200.0
0.87
2.3
0.33
LHL10G152J
1500.0
0.83
2.7
0.30
LHL10G182J
1800.0
0.75
3.0
0.29
LHL10G222J
2200.0
0.70
3.9
0.25
LHL10G272J
2700.0
50.0
0.67
4.3
0.24
0.252
LHL10G332J
3300.0
0.56
5.8
0.21
LHL10G392J
3900.0
0.54
6.4
0.20
LHL10G472J
4700.0
0.49
7.1
0.19
LHL10G562J
5600.0
0.41
9.0
0.17
LHL10G682J
6800.0
0.38
10.0
0.16
LHL10G822J
8200.0
0.36
12.0
0.15
LHL10G103J
10000.0
0.29
19.0
0.12
LHL10G123J
12000.0
M
5L
0.27
21.0
0.11
LHL10G153J
15000.0
60.0
0.24
34.0
0.090
LHL10G183J
18000.0
0.21
38.0
0.081
LHL10G223J
22000.0
0.20
43.0
0.075
LHL10G273J
27000.0
0.15
67.0
0.060
LHL10G333J
33000.0
40.0
0.14
76.0
0.056
LHL10G393J
39000.0
0.13
84.0
0.053
LHL10G473J
47000.0
0.12
96.0
0.050
LHL10G563J
56000.0
0.10
170.0
0.036
LHL10G683J
68000.0
0.095
200.0
0.035
LHL10G823J
82000.0
30.0
0.088
210.0
0.033
LHL10G104J
100000.0
0.085
240.0
0.031
LHL10G124J
120000.0
0.070
260.0
0.030
LHL10G154J
150000.0
0.069
300.0
0.028
LHL10
L:1kHz
Q:0.0252
L:1kHz
Q:0.0796
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LHL06G822J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL06G822J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com