Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1003A400 Datasheet(PDF) 2 Page - Littelfuse

Part # SL1003A400
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A400 Datasheet(HTML) 2 Page - Littelfuse

  SL1003A400 Datasheet HTML 1Page - Littelfuse SL1003A400 Datasheet HTML 2Page - Littelfuse SL1003A400 Datasheet HTML 3Page - Littelfuse SL1003A400 Datasheet HTML 4Page - Littelfuse SL1003A400 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Gas Discharge Tube (GDT) Products
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/08/14
SL1003A Series
Electrical Characteristics
Product Characteristics
Materials
Leaded Device:
Tin-plated copper wire
Core and Surface Mount: Dull Tin-plated
Product Marking
Littelfuse 'LF' Mark, voltage and date
code
Glow to Arc
Transition Current
~1 Amp
Glow Voltage
~60 to 200 Volts
Storage and
Operational
Temperature
-40 to +90°C
Notes:
1. At delivery AQL 0.65 level II, DIN ISO 2859
2. In ionized mode, tested according to ITU-T Rec. K.12
3. Comparable to the silicon measurement Switching Voltage (Vs)
4. Reference REA PE-80, 0.2A. Tested to ITU-T Rec. K.12 and REA PE-80 < 150 msecs.
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts1,2,3
(@100V/s)
Impulse
Breakdown
in Volts2,3
(@100V/µs)
Impulse
Breakdown
In Volts2,3
(@1kV/µs)
Insulation
Resistance
Capaci-
tance
(@1MHz
0V Bias)
Arc
Voltage
(on state
Voltage)
@1Amp Min
Surge
Life
(@200A
10/1000µs)
Nominal
Impulse
Discharge
Current
(8/20µs)
Nominal
AC
Discharge
Current
(10x1s
@50Hz)
AC
Discharge
Current
(9 Cycles @
50Hz)
DC
Holdover
Voltage4
Max Impulse
Discharge
Current
(1 Application)
MIN TYP MAX
MAX
MIN
MAX
TYP
TYP
@ 10/350µs
SL1003A090
72
90 108
600
700
109Ω
(at 50V)
1.5 pF
~10 to
35 V
300
shots
10 shots
(@10kA)
10 A
30 A
50 V
2 kA
SL1003A230 184 230 276
109Ω
(at 100V)
SL1003A250 200 250 300
750
135 V
SL1003A260 210 260 310
SL1003A300 240 300 360
750
850
SL1003A350 280 350 420
800
900
SL1003A400 320 400 480
850
950
SL1003A450 360 450 540
900
1000
SL1003A500 400 500 600
1100
1400


Similar Part No. - SL1003A400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1003A400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com