Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAV35VB471J Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # LAV35VB471J
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LAV35VB471J Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LAV35VB471J Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LAV35VB471J Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
313
5
LHL08G1R0N
1.0
M
30L
76.0
0.013
4.7
LHL08G1R5M
1.5
65.0
0.014
4.4
LHL08G2R2M
2.2
56.0
0.017
4.1
LHL08G2R7M
2.7
48.0
0.019
3.5
LHL08G3R3M
3.3
40.0
41.0
0.021
3.2
7.96
LHL08G3R9M
3.9
M
20L
33.0
0.024
3.1
LHL08G4R7M
4.7
30.0
0.025
3.0
LHL08G5R6M
5.6
23.0
0.028
2.9
LHL08G6R8M
6.8
21.0
0.030
2.8
LHL08G8R2M
8.2
19.0
0.034
2.5
LHL08G100K
10.0
65.0
17.0
0.041
2.4
LHL08G120K
12.0
16.0
0.044
2.3
LHL08G150K
15.0
13.0
0.053
2.0
LHL08G180K
18.0
50.0
12.0
0.060
1.9
LHL08G220K
22.0
11.0
0.068
1.8
LHL08G270K
27.0
10.0
0.091
1.5
2.52
LHL08G330K
33.0
8.8
0.10
1.4
LHL08G390K
39.0
40.0
8.4
0.12
1.3
LHL08G470K
47.0
8.2
0.15
1.2
LHL08G560K
56.0
7.9
0.17
1.1
LHL08G680K
68.0
35.0
7.0
0.20
1.0
LHL08G820K
82.0
M
10L
6.5
0.22
0.90
LHL08G101K
100.0
25.0
5.7
0.32
0.79
LHL08G121K
120.0
5.2
0.36
0.70
LHL08G151K
150.0
20.0
4.7
0.41
0.64
LHL08G181K
180.0
35.0
4.2
0.66
0.60
LHL08G221K
220.0
3.7
0.73
0.53
LHL08G271K
270.0
25.0
3.5
0.85
0.51
0.796
LHL08G331K
330.0
3.2
0.97
0.44
LHL08G391K
390.0
20.0
2.9
1.1
0.41
LHL08G471K
470.0
2.4
1.3
0.38
LHL08G561K
560.0
25.0
2.2
1.5
0.35
LHL08G681K
680.0
2.0
1.8
0.32
LHL08G821K
820.0
30.0
1.6
2.3
0.30
LHL08G102J
1000.0
55.0
1.5
2.7
0.25
LHL08G122J
1200.0
45.0
1.4
3.2
0.22
LHL08G152J
1500.0
1.3
4.1
0.20
LHL08G182J
1800.0
1.2
4.8
0.19
LHL08G222J
2200.0
55.0
1.1
5.6
0.16
LHL08G272J
2700.0
1.0
7.5
0.15
0.252
LHL08G332J
3300.0
0.85
8.5
0.14
LHL08G392J
3900.0
0.78
9.7
0.11
LHL08G472J
4700.0
0.68
14.0
0.10
LHL08G562J
5600.0
M
5L
65.0
0.62
16.0
0.093
LHL08G682J
6800.0
0.61
18.0
0.092
LHL08G822J
8200.0
0.60
20.0
0.084
LHL08G103J
10000.0
0.48
32.0
0.070
LHL08G123J
12000.0
0.44
36.0
0.064
LHL08G153J
15000.0
0.35
62.0
0.051
LHL08G183J
18000.0
60.0
0.30
72.0
0.048
LHL08G223J
22000.0
0.28
82.0
0.044
LHL08G273J
27000.0
0.25
90.0
0.042
LHL08G333J
33000.0
0.23
100.0
0.040
アイテム一覧 PART NUMBERS
LHL08
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
L:1kHz
Q:0.0796
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LAV35VB471J

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAVH9F OSRAM-LAVH9F Datasheet
363Kb / 21P
   SMT package, standard SMT footprint 0402, colorless diffused resin
logo
Mini-Circuits
LAVI-10VH MINI-LAVI-10VH Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
262Kb / 1P
   FREQUENCY MIXERS
LAVI-17VH MINI-LAVI-17VH Datasheet
277Kb / 3P
   Frequency Mixer
More results

Similar Description - LAV35VB471J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com