Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT14N20DXTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT14N20DXTC
Description  20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT14N20DXTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT14N20DXTC Datasheet HTML 1Page - Diodes Incorporated ZXT14N20DXTC Datasheet HTML 2Page - Diodes Incorporated ZXT14N20DXTC Datasheet HTML 3Page - Diodes Incorporated ZXT14N20DXTC Datasheet HTML 4Page - Diodes Incorporated ZXT14N20DXTC Datasheet HTML 5Page - Diodes Incorporated ZXT14N20DXTC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT14N20DX
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
50
100
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
20
30
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.5
V
IE=100 A
Collector Cut-Off Current
ICBO
100
nA
VCB=40V
Emitter Cut-Off Current
IEBO
100
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
100
nA
VCES=40V
Collector-Emitter Saturation
Voltage
VCE(sat)
4.5
30
75
115
90
6
45
95
140
115
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=4A, IB=40mA*
IC=7A, IB=70mA*
IC=7A, IB=350mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.9
V
IC=7A, IB=70mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.85
V
IC=7A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
250
300
250
125
400
500
400
250
900
IC=10mA, VCE=2V*
IC=1A, VCE=2V*
IC=7A, VCE=2V*
IC=15A, VCE=2V*
Transition Frequency
fT
180
MHz
IC=300mA, VCE=10V
f=30MHz
Output Capacitance
Cobo
110
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
150
ns
VCC=10V, IC=7A
IB1=IB2=175mA
Turn-Off Time
t(off)
345
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
4


Similar Part No. - ZXT14N20DXTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT14N20DXTC ZETEX-ZXT14N20DXTC Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT14N20DXTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT11N20DF ZETEX-ZXT11N20DF Datasheet
407Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT11N20DF DIODES-ZXT11N20DF Datasheet
417Kb / 6P
   20V NPN SILICON LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com