Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTEM322 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTEM322
Description  80V NPN LOW SATURATION TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTEM322 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTEM322 Datasheet HTML 1Page - Diodes Incorporated ZXTEM322 Datasheet HTML 2Page - Diodes Incorporated ZXTEM322 Datasheet HTML 3Page - Diodes Incorporated ZXTEM322 Datasheet HTML 4Page - Diodes Incorporated ZXTEM322 Datasheet HTML 5Page - Diodes Incorporated ZXTEM322 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTEM322
SEMICO NDUC TORS
ISSUE 2 - JUNE 2006
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
83
C/W
Junction to Ambient
(b)
R JA
51
C/W
Junction to Ambient
(d)
R JA
125
C/W
Junction to Ambient
(e)
R JA
42
C/W
NOTES
(a) For a single device surface mounted on 10 sq cm 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached.
(b) For a single device surface mounted on 10 sq cm 1oz copper on FR4 PCB, in still air conditions measured at t 5 secs with all exposed pads
attached.
(c) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(d) For a single device surface mounted on 10 sq cm 1oz copper FR4 PCB, in still air conditions with minimal lead connections only.
(e) For a single device surface mounted on 65 sq cm 2oz copper FR4 PCB, in still air conditions with all exposed pads attached.
(f) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device, as shown in
the package dimensions data. The thermal resistance for a device mounted on 1.5mm thick FR4 board using minimum copper of 1oz weight and
1mm wide tracks is Rth= 300°C/W giving a power rating of Ptot=420mW
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
7.5
V
Peak Pulse Current
ICM
5A
Continuous Collector Current
(a)
IC
3.5
A
Base Current
IB
1000
mA
Power Dissipation at TA=25°C
(a)
Linear Derating Factor
PD
1.5
12
W
mW/ C
Power Dissipation at TA=25°C
(b)
Linear Derating Factor
PD
2.45
19.6
W
mW/ C
Power Dissipation at TA=25°C
(d)
Linear Derating Factor
PD
1
8
W
mW/ C
Power Dissipation at TA=25°C
(e)
Linear Derating Factor
PD
3
24
W
mW/ C
Operating & Storage Temperature Range
Tj:Tstg
-55 to +150
C
Junction Temperature
Tj
150
C
ABSOLUTE MAXIMUM RATINGS
OBSOLETE - PLEASE USE ZXTN620MA


Similar Part No. - ZXTEM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322TC ZETEX-ZXTEM322TC Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTEM322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN620MA DIODES-ZXTN620MA Datasheet
162Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
   SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
   SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com