Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTR1005K4-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR1005K4-13
Description  100V INPUT, 5V 50mA VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR1005K4-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR1005K4-13 Datasheet HTML 1Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 2Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 3Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 4Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 5Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 6Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 7Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTR1005K4
Datasheet number: DS36315 Rev. 1– 2
4 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXTR1005K4
A Product Line of
Diodes Incorporated
Electrical Characteristics (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Enable Output with EN =OPEN (i.e. -100nA < IEN <100nA)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage (Note 12)
VOUT
4.9
5.0
5.1
V
VIN = 48V, IOUT = 15mA
Line Regulation (Note 12 & 13)
∆VOUT
-10
2
10
mV
VIN = 10 to 100V, IOUT = 15mA
Average Temperature Coefficient
∆VOUT/∆T
0.44
0.7
mV/°C
TJ = -55°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Note 12 & 14)
∆VOUT
20
50
mV
IOUT = 0.1 to 50mA, VIN = 48V
Minimum Value of Input Voltage Required to
Maintain Line Regulation
VIN(MIN)
10
V
Power Supply Rejection Ratio
ΔVIN/ΔVOUT
57
dB
COUT = 100nF, IOUT = 15mA,
VOUT = 5V, VIN = 10 to 100V, f = 100Hz
Toggle Output On/Off
Enable Output
VOUT
4.9
5.0
5.1
V
EN = OPEN, -100nA < IEN <100nA,
VIN = 48V, IOUT = 15mA
Disable Output
VOUT
0
1
V
EN = GND, -0.3V < VEN < 1V,
VIN = 48V, IOUT = 100nA
Quiescent Current (Note 12)
with Enable Output
IQ
300
650
500
900
µA
EN = OPEN, VIN = 48V
EN = OPEN, VIN = 100V
Quiescent Current (Note 12)
with Disable Output
IQ
300
650
500
900
µA
EN = GND, VIN = 48V
EN = GND, VIN = 100V
Notes:
12. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
13. Line regulation
ΔVOUT = VOUT(@ VIN = 100V) – VOUT(@ VIN = 10V)
14. Load regulation
ΔVOUT = VOUT(@ IOUT = 50mA) – VOUT(@ IOUT = 0mA)
Pin Functions
Pin Name
Pin Function
Notes
VIN
Input Supply
To maintain output regulation the input voltage can vary from 10 to 100V with respect to the GND pin. It is
recommended to connect a 1µF capacitor to GND.
GND
Power Ground
This pin should be tied to the system ground.
VOUT
Voltage Output
Outputs a regulated 5V when drawing between 0.1 to 50mA current. It is recommended to connect a
≥100nF capacitor to GND to minimize the noise on the regulated output. The pin can be pulled high to a
maximum of 10V with respect to ground.
EN
Enable Output
Output Always On
When the output state is required to be permanently on, then the EN
pin should be left floating in an OPEN state.
EN pin = Do not connect
Toggle Output On/Off
Toggle the regulator’s output state between on (5V) and off (0V).
Enable Output
Leave the EN pin floating in an OPEN state.
Disable Output
Pull the EN pin to GND in a SHORT state.
For example, see the Typical Application Circuit showing a transistor
toggling the EN pin.
Enable Output
EN pin = -100nA < IEN <100nA
Disable Output
EN pin = -0.3V < VEN < 1V


Similar Part No. - ZXTR1005K4-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
More results

Similar Description - ZXTR1005K4-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Diodes Incorporated
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com