Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTR1005K4-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTR1005K4-13
Description  100V INPUT, 5V 50mA VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR1005K4-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTR1005K4-13 Datasheet HTML 1Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 2Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 3Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 4Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 5Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 6Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 7Page - Diodes Incorporated ZXTR1005K4-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTR1005K4
Datasheet number: DS36315 Rev. 1– 2
2 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXTR1005K4
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 100
V
Enable Current
IEN
±1
mA
Continuous Input & Output Current
IIN, IOUT
100
mA
Peak Pulsed Input & Output Current
IIM, IOM
100
mA
Maximum Voltage applied to VOUT
VOUT(max)
10
V
Maximum Current (@ VIN = 48V, TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Output Current
(Note 7)
IOUT
50
mA
Pulsed Output Current
(Note 8)
IOM
100
mA
(Note 9)
100
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
2.3
W
(Note 6)
1.1
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
44
°C/W
(Note 6)
90
Thermal Resistance, Junction to Lead
(Note 10)
RθJL
8.39
Thermal Resistance, Junction to Case
(Note 10)
RθJC
8.15
Maximum Operating Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD Ratings (Note 11)
Characteristics
Symbols
Value
Unit
JEDEC Class
Electrostatic Discharge – Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge – Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the exposed VIN pad on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is
measured under still air conditions whilst operating in steady-state.
6. Same as note 5, except mounted on 15mm x 15mm 1oz copper.
7. Same as note 5, whilst operating at VIN=48V this is thermally limited. Refer to Safe Operating Area for other Input Voltages.
8. Same as note 5, except measured with a single pulse width = 100µs and VIN=48V. This is limited by the absolute maximum IOM rating.
9. Same as note 5, except measured with a single pulse width = 10ms and VIN=48V. This is limited by the absolute maximum IOM rating.
10. RΘJL = Thermal resistance from junction to solder-point (on the exposed VIN pad).
RΘJC = Thermal resistance from junction to the top of case.
11. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.


Similar Part No. - ZXTR1005K4-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
More results

Similar Description - ZXTR1005K4-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Diodes Incorporated
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com