Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB79CN10N-G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB79CN10N-G
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB79CN10N-G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPB79CN10N-G Datasheet HTML 2Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 3Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 4Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 5Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 6Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 7Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 8Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 9Page - Infineon Technologies AG IPB79CN10N-G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IPB79CN10N G IPD78CN10N G
IPI80CN10N G IPP80CN10N G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=13 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
20
40
60
80
100
120
140
160
180
-60
-20
20
60
100
140
180
T
j [°C]
12 µA
120 µA
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T
j [°C]
Ciss
Coss
Crss
100
101
102
103
0
20
40
60
80
V
DS [V]
25 °C
175 °C
25 °C, 98%
175 °C, 98%
0.1
1
10
100
0
0.5
1
1.5
2
V
SD [V]
Rev. 1.091
page 6
2013-07-25


Similar Part No. - IPB79CN10N-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB79CN10N-G INFINEON-IPB79CN10N-G Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
More results

Similar Description - IPB79CN10N-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com