Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP-2525AH-01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHLP-2525AH-01
Description  Low Profile, High Current IHLP® Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-2525AH-01 Datasheet(HTML) 2 Page - Vishay Siliconix

  IHLP-2525AH-01 Datasheet HTML 1Page - Vishay Siliconix IHLP-2525AH-01 Datasheet HTML 2Page - Vishay Siliconix IHLP-2525AH-01 Datasheet HTML 3Page - Vishay Siliconix IHLP-2525AH-01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34125
2
Revision: 25-Feb-11
IHLP-2525AH-01
Vishay Dale
Low Profile, High Current IHLP® Inductors
PERFORMANCE GRAPHS
IHLP-2525AH-01 0.1 µH
0.000
0.020
0.040
0.060
0.080
0.100
0.120
10
5
015
20
25
30
35
40
DC CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
L
Δ T °C
10
5
015
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
IHLP-2525AH-01 0.15 µH
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
L
Δ T °C
DC CURRENT (A)
IHLP-2525AH-01 0.22 µH
0.00
0.05
0.10
0.15
0.20
0.25
10
5
015
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
Δ T °C
L
DC CURRENT (A)
10
5
015
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
DC CURRENT (A)
IHLP-2525AH-01 0.33 µH
0.00
0.05
0.10
0.15
0.20
0.25
Δ T °C
L
0.35
0.30
10
5
015
20
0
10
20
30
40
50
60
70
80
90
100
DC CURRENT (A)
IHLP-2525AH-01 0.47 µH
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
ΔT °C
L
4
2
06
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
DC CURRENT (A)
IHLP-2525AH-01 0.68 µH
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
L
Δ T °C
4
2
06
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
DC CURRENT (A)
IHLP-2525AH-01 0.82 µH
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
L
Δ T °C
4
2
06
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
L
DC CURRENT (A)
IHLP-2525AH-01 1.0 µH
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Δ T °C


Similar Part No. - IHLP-2525AH-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525AH-01 VISHAY-IHLP-2525AH-01 Datasheet
136Kb / 4P
   Low Profile, High Current Inductor
Revision: 21-Mar-06
IHLP-2525AH-01 VISHAY-IHLP-2525AH-01 Datasheet
127Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP-2525AH-01 VISHAY-IHLP-2525AH-01 Datasheet
133Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP-2525AH-01 VISHAY-IHLP-2525AH-01 Datasheet
100Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-09
IHLP-2525AH-01 VISHAY-IHLP-2525AH-01 Datasheet
513Kb / 6P
   IHLP Commercial Inductors, High Saturation Series
Revision: 07-Jun-17
More results

Similar Description - IHLP-2525AH-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com