Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA0709 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # HOA0709
Description  Choice of phototransistor or photodarlington
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA0709 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  HOA0709 Datasheet HTML 1Page - Honeywell Accelerometers HOA0709 Datasheet HTML 2Page - Honeywell Accelerometers HOA0709 Datasheet HTML 3Page - Honeywell Accelerometers HOA0709 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reflective Sensor
HOA0708/0709
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
IR EMITTER
DETECTOR
COUPLED CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range
-40¡C to 85¡C
Storage Temperature Range
-40¡C to 85¡C
Soldering Temperature (5 sec)
240¡C
IR EMITTER
Power Dissipation
70 mW [À]
Reverse Voltage
3 V
Continuous Forward Current
50 mA
DETECTOR
TRANS.
DARLINGTON
Collector-Emitter Voltage
30 V
15 V
Emitter-Collector Voltage
5 V
5 V
Power Dissipation
70 mW [À]
70 mW [À]
Collector DC Current
30 mA
30 mA
SCHEMATIC
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
233


Similar Part No. - HOA0709

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA0709 HONEYWELL-ACC-HOA0709 Datasheet
437Kb / 4P
   Reflective Sensor
HOA0709-001 HONEYWELL-ACC-HOA0709-001 Datasheet
437Kb / 4P
   Reflective Sensor
logo
Honeywell Solid State E...
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
   Reflective Sensor
More results

Similar Description - HOA0709

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
OPB880T51Z OPTEK-OPB880T51Z Datasheet
319Kb / 11P
   Choice of opaque or IR transmissive shell material
OPB375N51 OPTEK-OPB375N51 Datasheet
479Kb / 10P
   Choice of opaque or IR transmissive shell material
logo
Micropac Industries
66005 MICROPAC-66005 Datasheet
91Kb / 2P
   16kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
66004 MICROPAC-66004 Datasheet
91Kb / 2P
   40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
logo
PHOENIX CONTACT
2907596 PHOENIX-2907596 Datasheet
72Kb / 4P
   Choice of four cover sizes in transparent or color versions
2943288 PHOENIX-2943288 Datasheet
70Kb / 4P
   Choice of four cover sizes in transparent or color versions
logo
Vishay Siliconix
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com