Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI68C223KF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NLI68C223KF
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI68C223KF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NLI68C223KF Datasheet HTML 1Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 2Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 3Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 4Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 5Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 6Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 7Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 8Page - NIC-Components Corp. NLI68C223KF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI46C STANDARD VALUES (H = 8.0mm x D = 5.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
DCR
(
Ω) max.
DC I
(mA)
NLI46C472K_ _ _F
4,700
±10%
65
252KHz
45
70
NLI46C562K_ _ _F
5,600
±10%
65
252KHz
48
62
NLI46C682K_ _ _F
6,800
±10%
65
252KHz
56
56
NLI46C822K_ _ _F
8,200
±10%
65
252KHz
62
52
NLI46C103K_ _ _F
10,000
±10%
45
79.6KHz
72
47
NLI46C153K_ _ _F
15,000
±10%
45
79.6KHz
120
35
NLI46C223K_ _ _F
22,000
±10%
45
79.6KHz
160
24
NLI46C253K_ _ _F
25,000
±10%
45
79.6KHz
180
20
NLI__C Series
NLI Radial Power Inductors
DC I maximum +20°C temperature rise,
ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI68C223KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI68C223K___F NIC-NLI68C223K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI68C223KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com