Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI262P8R2M-F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NLI262P8R2M-F
Description  NLI Radial Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI262P8R2M-F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NLI262P8R2M-F Datasheet HTML 1Page - NIC-Components Corp. NLI262P8R2M-F Datasheet HTML 2Page - NIC-Components Corp. NLI262P8R2M-F Datasheet HTML 3Page - NIC-Components Corp. NLI262P8R2M-F Datasheet HTML 4Page - NIC-Components Corp. NLI262P8R2M-F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI352P STANDARD VALUES (H = 28.0mm x D = 40.0mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
DCR
(
Ω) max.
I sat
(A)
Suggested Rated AC
Current
(A)
NLI352P3R9M _ F
3.9
±20%
0.003
95
27
NLI352P4R7M _ F
4.7
±20%
0.003
95
27
NLI352P5R6M _ F
5.6
±20%
0.004
79
27
NLI352P6R8M _ F
6.8
±20%
0.004
79
27
NLI352P8R2M _ F
8.2
±20%
0.004
69
27
NLI352P100K _ F
10
±10%
0.005
61
27
NLI352P120K _ F
12
±10%
0.005
55
27
NLI352P150K _ F
15
±10%
0.006
49
27
NLI352P180K _ F
18
±10%
0.008
41
27
NLI352P220K _ F
22
±10%
0.009
38
21
NLI352P270K _ F
27
±10%
0.010
36
21
NLI352P330K _ F
33
±10%
0.011
31
21
NLI352P390K _ F
39
±10%
0.012
28
21
NLI352P470K _ F
47
±10%
0.018
27
14.4
NLI352P560K _ F
56
±10%
0.019
26
14.4
NLI352P680K _ F
68
±10%
0.021
25
14.4
NLI352P820K _ F
82
±10%
0.023
23
14.4
NLI352P101K _ F
100
±10%
0.025
20
14.4
NLI352P121K _ F
120
±10%
0.028
18
14.4
NLI352P151K _ F
150
±10%
0.040
17
11.4
NLI352P181K _ F
180
±10%
0.045
15
11.4
NLI352P221K _ F
220
±10%
0.050
13
11.4
NLI352P271K _ F
270
±10%
0.056
12
11.4
NLI352P331K _ F
330
±10%
0.074
11
11.4
NLI352P391K _ F
390
±10%
0.082
10
9.0
NLI352P471K _ F
470
±10%
0.114
9.2
7.2
NLI352P561K _ F
560
±10%
0.125
8.3
7.2
NLI352P681K _ F
680
±10%
0.139
7.6
7.2
NLI352P821K _ F
820
±10%
0.154
6.8
7.2
NLI352P102K _ F
1000
±10%
0.216
6.2
5.5
NLI352P122K _ F
1200
±10%
0.232
5.7
5.5
NLI352P152K _ F
1500
±10%
0.324
5.1
4.5
NLI352P182K _ F
1800
±10%
0.360
4.6
4.5
NLI352P222K _ F
2200
±10%
0.494
4.2
4.0
NLI352P272K _ F
2700
±10%
0.555
3.8
4.0
NLI352P332K _ F
3300
±10%
0.773
3.4
2.8
NLI352P392K _ F
3900
±10%
0.845
3.1
2.8
NLI352P472K _ F
4700
±10%
1.14
2.9
2.0
NLI352P562K _ F
5600
±10%
1.60
2.5
2.0
NLI352P682K _ F
6800
±10%
1.76
2.3
1.6
NLI352P822K _ F
8200
±10%
1.95
2.0
1.6
NLI352P103K _ F
10000
±10%
2.76
1.8
1.3
NLI352P123K _ F
12000
±10%
3.04
1.7
1.3
NLI352P153K _ F
15000
±10%
3.39
1.5
1.3
NLI__P Series
NLI Radial Power Inductors
Isat
ΔL -10% max., ΔT +25°C max.
* Contact NIC for other tolerance options.
_ Insert letter "U" if sleeving is required


Similar Part No. - NLI262P8R2M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI262P8R2M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com