Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI68C682KF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLI68C682KF
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI68C682KF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLI68C682KF Datasheet HTML 1Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 2Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 3Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 4Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 5Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 6Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 7Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 8Page - NIC-Components Corp. NLI68C682KF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__C Series
NLI Radial Power Inductors
NPI46C STANDARD VALUES (H = 8.0mm x D = 5.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
DC I
(mA)
NLI46C1R0M_ _ _F
1.0
±20%
100
7.96MHz
120
0.035
2000
NLI46C1R2M_ _ _F
1.2
±20%
100
7.96MHz
120
0.058
1950
NLI46C1R5M_ _ _F
1.5
±20%
100
7.96MHz
120
0.075
1900
NLI46C1R8M_ _ _F
1.8
±20%
100
7.96MHz
120
0.110
1800
NLI46C2R2M_ _ _F
2.2
±20%
100
7.96MHz
100
0.120
1750
NLI46C2R7M_ _ _F
2.7
±20%
100
7.96MHz
80
0.125
1680
NLI46C3R3M_ _ _F
3.3
±20%
100
7.96MHz
75
0.130
1500
NLI46C3R9K_ _ _F
3.9
±10%
100
7.96MHz
70
0.135
1450
NLI46C4R7K_ _ _F
4.7
±10%
100
7.96MHz
50
0.140
1320
NLI46C5R6K_ _ _F
5.6
±10%
100
7.96MHz
45
0.145
1230
NLI46C6R8K_ _ _F
6.8
±10%
100
7.96MHz
30
0.150
1150
NLI46C8R2K_ _ _F
8.2
±10%
100
7.96MHz
22
0.160
1100
NLI46C100K_ _ _F
10
±10%
80
2.52MHz
20
0.230
1000
NLI46C120K_ _ _F
12
±10%
80
2.52MHz
17
0.240
970
NLI46C150K_ _ _F
15
±10%
80
2.52MHz
16
0.250
920
NLI46C180K_ _ _F
18
±10%
80
2.52MHz
12
0.330
860
NLI46C220K_ _ _F
22
±10%
80
2.52MHz
10
0.450
800
NLI46C270K_ _ _F
27
±10%
80
2.52MHz
9.5
0.50
710
NLI46C330K_ _ _F
33
±10%
80
2.52MHz
8.7
0.70
660
NLI46C390K_ _ _F
39
±10%
70
2.52MHz
8.2
0.74
600
NLI46C470K_ _ _F
47
±10%
70
2.52MHz
7.8
0.76
550
NLI46C560K_ _ _F
56
±10%
50
2.52MHz
7.6
0.80
500
NLI46C680K_ _ _F
68
±10%
50
2.52MHz
6.8
0.90
470
NLI46C820K_ _ _F
82
±10%
50
2.52MHz
6.0
0.95
430
NLI46C101K_ _ _F
100
±10%
45
796KHz
6.0
1.0
400
NLI46C121K_ _ _F
120
±10%
45
796KHz
5.5
1.1
370
NLI46C151K_ _ _F
150
±10%
65
796KHz
4.2
1.3
350
NLI46C181K_ _ _F
180
±10%
65
796KHz
3.6
1.5
320
NLI46C221K_ _ _F
220
±10%
65
796KHz
2.8
1.8
300
NLI46C271K_ _ _F
270
±10%
50
796KHz
2.4
1.9
275
NLI46C331K_ _ _F
330
±10%
50
796KHz
2.2
2.2
250
NLI46C391K_ _ _F
390
±10%
50
796KHz
2.0
2.7
220
NLI46C471K_ _ _F
470
±10%
50
796KHz
1.7
3.6
200
NLI46C561K_ _ _F
560
±10%
50
796KHz
1.5
4.2
190
NLI46C681K_ _ _F
680
±10%
50
796KHz
1.3
4.6
170
NLI46C821K_ _ _F
820
±10%
50
796KHz
1.1
5.7
155
NLI46C102K_ _ _F
1,000
±10%
90
252KHz
1.0
6.7
150
NLI46C122K_ _ _F
1,200
±10%
90
252KHz
0.9
8.2
140
NLI46C152K_ _ _F
1,500
±10%
80
252KHz
0.8
13
120
NLI46C182K_ _ _F
1,800
±10%
80
252KHz
0.8
15
110
NLI46C222K_ _ _F
2,200
±10%
80
252KHz
0.8
17
100
NLI46C272K_ _ _F
2,700
±10%
80
252KHz
0.8
19
90
NLI46C332K_ _ _F
3,300
±10%
70
252KHz
0.7
26
83
NLI46C392K_ _ _F
3,900
±10%
70
252KHz
0.65
30
76
DC I maximum +20°C temperature rise,
ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI68C682KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI68C682K___F NIC-NLI68C682K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI68C682KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com