Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-4820 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-4820
Description  10-Element Bar Graph Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-4820 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-4820 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-4820 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Red, AlGaAs Red
Figure 7. Relative Luminous Intensity vs. DC For-
ward Current – AlGaAs.
Figure 6. Relative Luminous Intensity vs. DC For-
ward Current – Red.
Figure 5. Forward Current vs. Forward Voltage.
Figure 4. Relative Efficiency (Luminous Intensity
per Unit Current) vs. Peak Current.
Figure 3. Maximum Allowable DC Current vs.
Ambient Temperature.
TJMAX = 100°C for Red and TJMAX = 110°C for
AlGaAs Red.
Figure 2. Maximum Tolerable Peak Current vs. Pulse Duration
– AlGaAs Red.
Figure 1. Maximum Tolerable Peak Current vs. Pulse Duration – Red.
20
15
12.5
10
1
1.5
2
3
4
5
6
8
1
10
100
1000
10000
tP - PULSE DURATION - μSEC
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF IDCMAX
DC OPERATION
10
1
2
3
4
5
6
7
9
8
1
10
100
1000
10000
tP - PULSE DURATION - μs
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF IDC MAX
DC OPERATION
40
0
5
10
15
20
25
30
35
25
105
95
85
75
65
55
45
35
TA - AMBIENT TEMPERATURE - oC
RED
AlGaAs RED
R θ
= 600¡C/W
J-A
1.2
0
160
100
80
60
40
20
IPEAK - PEAK SEGMENT CURRENT - mA
RED
AlGaAs RED
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
140
120
1.5
0
160
100
80
60
40
20
RED
AlGaAs RED
2.0
0.5
4.0
3.5
3.0
1.0
2.5
140
120
VF - FORWARD VOLTAGE - V
0
1.4
0
IF - FORWARD CURRENT PER SEGMENT - mA
510
15
20
25
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
20
20
2
0.1
IF - FORWARD CURRENT PER SEGMENT
15
10
10
5
1
0.2
0.1
For a Detailed Explanation on the Use of Data Sheet Information and Recommended Soldering Procedures,
See Application Note 1005.


Similar Part No. - HDSP-4820

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-4820 HP-HDSP-4820 Datasheet
180Kb / 8P
   10-Element Bar Graph Array
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4820 AVAGO-HDSP-4820 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HDSP-4820 AVAGO-HDSP-4820 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
More results

Similar Description - HDSP-4820

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLCP-J100 HP-HLCP-J100 Datasheet
180Kb / 8P
   10-Element Bar Graph Array
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-J100 AVAGO-HLCP-J100 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HLCP-J100 AVAGO-HLCP-J100_13 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
   10 BAR GRAPH ARRAY
logo
Kingbright Corporation
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
   10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com