Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI68C680KF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NLI68C680KF
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI68C680KF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NLI68C680KF Datasheet HTML 2Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 3Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 4Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 5Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 6Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 7Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 8Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 9Page - NIC-Components Corp. NLI68C680KF Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI123C STANDARD VALUES (H = 16mm x D = 14mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
DCR
(
Ω) max.
I sat
(A)
Irms
(A)
NLI123C100M_ _ _F
10
±10%
0.023
8.0
5.1
NLI123C150K_ _ _F
15
±10%
0.028
6.5
4.5
NLI123C220K_ _ _F
22
±10%
0.035
5.5
4.2
NLI123C330K_ _ _F
33
±10%
0.043
4.5
3.7
NLI123C470K_ _ _F
47
±10%
0.052
3.6
3.4
NLI123C680K_ _ _F
68
±10%
0.068
3.1
3
NLI123C101K_ _ _F
100
±10%
0.097
2.6
2.5
NLI123C151K_ _ _F
150
±10%
0.14
2.1
2.1
NLI123C221K_ _ _F
220
±10%
0.20
1.7
1.7
NLI123C331K_ _ _F
330
±10%
0.30
1.4
1.4
NLI123C471K_ _ _F
470
±10%
0.43
1.1
1.1
NLI123C681K_ _ _F
680
±10%
0.61
0.95
0.99
NLI123C102K_ _ _F
1000
±10%
1.0
0.78
0.78
NLI123C152K_ _ _F
1500
±10%
1.3
0.64
0.68
NLI123C222K_ _ _F
2200
±10%
2.0
0.53
0.55
NLI123C332K_ _ _F
3300
±10%
3.1
0.43
0.44
NLI123C472K_ _ _F
4700
±10%
4.4
0.36
0.37
NLI123C682K_ _ _F
6800
±10%
6.5
0.30
0.3
NLI123C103K_ _ _F
10000
±10%
10
0.24
0.24
NLI__C Series
NLI Radial Power Inductors
Irm maximum +20°C temperature rise, Isat
ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI68C680KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI68C680K___F NIC-NLI68C680K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI68C680KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com