Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB1806E800TR040F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCB1806E800TR040F
Description  Ferrite Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB1806E800TR040F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCB1806E800TR040F Datasheet HTML 1Page - NIC-Components Corp. NCB1806E800TR040F Datasheet HTML 2Page - NIC-Components Corp. NCB1806E800TR040F Datasheet HTML 3Page - NIC-Components Corp. NCB1806E800TR040F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
For Impedance (
Z) over Frequency curves
see
www.RFpassives.com
EIA
Size
NIC
P/N
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (Ω)
DC
Current
Max. (mA)
A
(mm)
B
(mm)
C
(mm)
D
(mm)
1806
NCB1806E800TR040F
80
0.3
400
4.5 ± 0.25
1.6 ± 0.2
1.6 ± 0.2
0.5 ± 0.3
NCB1806E101TR050F
100
0.1
500
NCB1806E151TR020F
150
0.5
200
1812
NCB1812D700TR030F
70
0.4
300
4.5 ± 0.25
3.2 ± 0.2
1.5 ± 0.2
0.5 ± 0.3
NCB1812D800TR030F
80
0.4
300
NCB1812D121TR050F
120
0.3
500
NCB1812D131TR030F
130
0.4
300
PaRt NumBeR SyStem
A
020
Part Thickness Max; A=1.1mm, B=1.3mm, C=1.5mm, D=1.7mm, E=1.8mm, K=2.8mm, L=3.1mm, N=0.35, P=0.65mm, R=0.95mm
Packaging: TR = Tape and Reel
0805
Size
NCB
Series
121
Impedance at 100Mhz
3 digit code; first two digits are significant third digit is no. of zeros
F
RoHS Compliant
TR
DC Current Rating (see standard values and case size table)
NCB PReSSeD PaPeR taPe DImeNSIONS (mm)
Dimensions NCB0201N NCB0402P NCB0603R NCB0805A
A
0.38 ± 0.03 0.62 ± 0.03 1.05 ± 0.03 1.50 ± 0.05
B
0.68 ± 0.03 1.12 ± 0.03 1.85 ± 0.03 2.30 ± 0.05
T
0.44 ± 0.03 0.60 ± 0.03 0.95 ± 0.05 0.95 ± 0.05
W
8.0 ± 0.1
E
1.75 ± 0.1
F
3.5 ± 0.1
P1
2.0 ± 0.1
4.0 ± 0.1
P2
2.0 ± 0.1
Chips/Reel
10,000
10,000
4,000
4,000
Fig.
1
1
1
1
FIGURE 1 (PRESSED PAPER TAPE)
T
A
P1
P2
Dimensions NCB0805C NCB1206B NCB1806E NCB1812D
A
1.50 ± 0.1 1.94 ± 0.1 1.94 ± 0.1 3.64 ± 0.1
B
2.35 ± 0.1 3.54 ± 0.1 4.94 ± 0.1 4.94 ± 0.1
T
1.45 ± 0.1 1.29 ± 0.05 1.90 ± 0.05 1.80 ± 0.05
W
8.0
12.0
E
1.75
F
3.5
5.5
G
2.0 ± 0.05
P
4.0 ± 0.1
8.0 ± 0.1
Chips/Reel
2,000
3,000
2,000
1,000
Fig.
2
2
2
2
FIGuRe 2 (emBOSSeD PLaStIC taPe)
G
4.0±0.1
P
A
+0.1
φ1.5-0
0.30 ±0.05
T
NCB emBOSSeD PLaStIC taPe DImeNSIONS (mm)
Ferrite Chip Beads
NCB Series


Similar Part No. - NCB1806E800TR040F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB1806E800TR040F NIC-NCB1806E800TR040F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
More results

Similar Description - NCB1806E800TR040F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com