Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI68C100KF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NLI68C100KF
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI68C100KF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NLI68C100KF Datasheet HTML 1Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 2Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 3Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 4Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 5Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 6Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 7Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 8Page - NIC-Components Corp. NLI68C100KF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI77C STANDARD VALUES (H = 9.5mm x D = 8.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
Irms
(A)
NLI77C1R0M_ _ _F
1.0
±20%
10
7.96MHz
70
0.006
6.6
5.0
NLI77C1R5M_ _ _F
1.5
±20%
10
7.96MHz
56
0.008
5.4
4.3
NLI77C2R2M_ _ _F
2.2
±20%
10
7.96MHz
45
0.011
4.0
3.7
NLI77C3R3M_ _ _F
3.3
±20%
10
7.96MHz
36
0.018
3.6
2.9
NLI77C4R7M_ _ _F
4.7
±20%
10
7.96MHz
29
0.022
3.1
2.6
NLI77C6R8M_ _ _F
6.8
±20%
10
7.96MHz
24
0.028
2.5
2.3
NLI77C100K_ _ _F
10
±10%
20
2.52MHz
19
0.043
2.1
1.9
NLI77C150K_ _ _F
15
±10%
20
2.52MHz
15
0.056
1.7
1.6
NLI77C220K_ _ _F
22
±10%
20
2.52MHz
12
0.086
1.4
1.3
NLI77C330K_ _ _F
33
±10%
20
2.52MHz
9.4
0.14
1.1
1.0
NLI77C470K_ _ _F
47
±10%
20
2.52MHz
7.6
0.17
0.96
0.94
NLI77C680K_ _ _F
68
±10%
20
2.52MHz
6.2
0.28
0.79
0.73
NLI77C101K_ _ _F
100
±10%
20
796KHz
5.0
0.33
0.66
0.67
NLI77C151K_ _ _F
150
±10%
20
796KHz
4.0
0.56
0.53
0.52
NLI77C221K_ _ _F
220
±10%
20
796KHz
3.2
0.72
0.44
0.46
NLI77C331K_ _ _F
330
±10%
20
796KHz
2.5
1.1
0.36
0.37
NLI77C471K_ _ _F
470
±10%
20
796KHz
2.0
1.7
0.30
0.30
NLI77C681K_ _ _F
680
±10%
20
796KHz
1.7
2.3
0.25
0.26
NLI77C102K_ _ _F
1,000
±10%
70
252KHz
1.3
4.3
0.20
0.19
NLI77C152K_ _ _F
1,500
±10%
50
252KHz
1.3
5
0.17
0.16
NPI87C STANDARD VALUES (H = 9.5mm x D = 10mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
Irms
(A)
NLI87C2R2M_ _ _F
2.2
±20%
10
7.96MHz
60
0.011
5.5
4.0
NLI87C3R3M_ _ _F
3.3
±20%
10
7.96MHz
38
0.013
3.8
3.4
NLI87C4R7M_ _ _F
4.7
±20%
10
7.96MHz
30
0.017
3.7
3.0
NLI87C6R8M_ _ _F
6.8
±20%
10
7.96MHz
24
0.023
2.8
2.6
NLI87C100K_ _ _F
10
±10%
20
2.52MHz
19
0.031
2.5
2.2
NLI87C150K_ _ _F
15
±10%
20
2.52MHz
15
0.042
2.0
1.9
NLI87C220K_ _ _F
22
±10%
20
2.52MHz
12
0.070
1.6
1.5
NLI87C330K_ _ _F
33
±10%
20
2.52MHz
10
0.092
1.3
1.2
NLI87C470K_ _ _F
47
±10%
20
2.52MHz
8.2
0.13
1.1
1.0
NLI87C680K_ _ _F
68
±10%
20
2.52MHz
6.6
0.16
0.91
0.97
NLI87C101K_ _ _F
100
±10%
15
796KHz
5.4
0.23
0.75
0.81
NLI87C151K_ _ _F
150
±10%
15
796KHz
4.3
0.40
0.61
0.61
NLI87C221K_ _ _F
220
±10%
15
796KHz
3.5
0.53
0.50
0.53
NLI87C331K_ _ _F
330
±10%
15
796KHz
2.8
0.78
0.41
0.44
NLI87C471K_ _ _F
470
±10%
10
796KHz
2.3
1.0
0.34
0.39
NLI87C681K_ _ _F
680
±10%
10
796KHz
1.9
1.5
0.28
0.32
NLI87C102K_ _ _F
1,000
±10%
20
252KHz
1.5
2.2
0.23
0.26
NLI87C152K_ _ _F
1,500
±10%
30
252KHz
1.2
3.5
0.18
0.21
NLI__C Series
NLI Radial Power Inductors
Irm maximum +20°C temperature rise, Isat
ΔL -10% max.
Irm maximum +20°C temperature rise, Isat
ΔL -10% max.
* Contact NIC for other tolerance options.
* Contact NIC for other tolerance options.


Similar Part No. - NLI68C100KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI68C100K___F NIC-NLI68C100K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI68C100KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com