Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4631DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631DR
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4631DR Datasheet HTML 3Page - Texas Instruments THS4631DR Datasheet HTML 4Page - Texas Instruments THS4631DR Datasheet HTML 5Page - Texas Instruments THS4631DR Datasheet HTML 6Page - Texas Instruments THS4631DR Datasheet HTML 7Page - Texas Instruments THS4631DR Datasheet HTML 8Page - Texas Instruments THS4631DR Datasheet HTML 9Page - Texas Instruments THS4631DR Datasheet HTML 10Page - Texas Instruments THS4631DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
−300
−200
−100
0
100
200
300
25
35
45
55
65
75
85
TA − Free-Air Temperature − °C
D Package
DDA Package
DGN Package
Referred to 25
°C
0
25
50
75
100
125
150
175
200
225
250
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TA − Free-Air Temperature − °C
13.2
13.25
13.3
13.35
13.4
13.45
13.5
13.55
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VO+
VO
−125
−100
−75
−50
−25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
t − Time− ns
Gain = 2,
CF = 8.2 pF,
VI = 100 mVPP,
RL = 1 kΩ
−1.2
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
50
60
70
80
Gain = 2,
CF = 8.2 pF,
VI = 1 VPP,
RL = 1 kΩ
t − Time − ns
84
86
88
90
92
94
96
98
100
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Sink
Source
TC − Case Temperature − °C
-7
-5
-3
-1
1
3
5
7
0
20
40 60
80 100 120 140
180
160
Gain=5,
R =499
,
R =1k
F
L
W
W
10VPP
t-Time-ns
-12
-8
-4
0
4
8
12
10
6
2
-2
-6
-10
0
20
40 60
80 100 120 140
180
160
t-Time-ns
20VPP
Gain=5,
R =499
,
W
R =1kW
F
L
Gain = 2,
CF = 8.2 pF,
VI = 2 VPP,
RL = 1 kΩ
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
t − Time− ns
Gain = 2,
CF = 8.2 pF,
VI = 2 VPP,
RL = 1 kΩ
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (
±15 V GRAPHS) (continued)
TA = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
INPUT OFFSET CURRENT
INPUT OFFSET VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
STATIC OUTPUT DRIVE CURRENT
vs
SMALL SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
TEMPERATURE
RESPONSE
RESPONSE
Figure 19.
Figure 20.
Figure 21.
LARGE SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
RESPONSE
RESPONSE
RESPONSE
Figure 22.
Figure 23.
Figure 24.
Copyright
© 2004–2011, Texas Instruments Incorporated
7


Similar Part No. - THS4631DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631DR TI-THS4631DR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631DR NSC-THS4631DR Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4631DRE4 NSC-THS4631DRE4 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631DRG4 TI-THS4631DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631DRG4 NSC-THS4631DRG4 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com