Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4631DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631DGNR
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4631DGNR Datasheet HTML 2Page - Texas Instruments THS4631DGNR Datasheet HTML 3Page - Texas Instruments THS4631DGNR Datasheet HTML 4Page - Texas Instruments THS4631DGNR Datasheet HTML 5Page - Texas Instruments THS4631DGNR Datasheet HTML 6Page - Texas Instruments THS4631DGNR Datasheet HTML 7Page - Texas Instruments THS4631DGNR Datasheet HTML 8Page - Texas Instruments THS4631DGNR Datasheet HTML 9Page - Texas Instruments THS4631DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5
1
1.5
2
2.5
3
3.5
4
VO -OutputVoltageSwing-VPP
G=2,
RF =499 ,
W
CF =8.2pF,
f=4MHz
HD3,RL =100 W
HD2,RL =1kW
HD3,RL =1kW
HD2,RL =100 W
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 499 Ω,
CF = 8.2 pF
VO = 2 VPP
RL = 100 Ω
RL = 1 kΩ
-1 10
-100
-90
-80
-70
-60
-50
-40
-30
1M
10M
100M
f-Frequency-Hz
Gain=2
RF =499 W
CF =8.2pF
VO =2VPP
RL =100 W
RL =1kW
−10
0
10
20
30
40
50
60
70
80
90
1 k
10 k
100 k
1 M
10 M 100 M
1 G
f − Frequency − Hz
−200
−175
−150
−125
−100
−75
−50
−25
0
25
50
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
VO − Output Voltage − VPP
G = 5,
RF = 499 Ω,
RG = 124 Ω
72
73
74
75
76
77
78
79
80
81
82
−40 −30−20 −10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
9
9.5
10
10.5
11
11.5
12
0
2
4
6
8
10
12
14
16
TA = 85°C
TA = 25°C
VS − Supply Voltage − +V
TA = −40°C
1
10
100
10
100
1 k
10 k
100 k
f − Frequency − Hz
0
100
200
300
400
500
600
700
800
−40 −30 −20−10 0 10 20 30 40 50 60 70 80 90
TA − Free-Air Temperature − °C
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (
±15 V GRAPHS) (continued)
TA = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SECOND ORDER
THIRD ORDER
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 7.
Figure 8.
Figure 9.
SLEW RATE
OPEN-LOOP GAIN
OPEN-LOOP GAIN AND PHASE
vs
vs
vs
OUTPUT VOLTAGE
TEMPERATURE
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
INPUT VOLTAGE
QUIESCENT CURRENT
INPUT BIAS CURRENT
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
6
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - THS4631DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631DGNR TI-THS4631DGNR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631DGNR NSC-THS4631DGNR Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631DGNRG4 TI-THS4631DGNRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631DGNRG4 NSC-THS4631DGNRG4 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DGNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com