Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7319 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS7319
Description  3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7319 Datasheet(HTML) 5 Page - Texas Instruments

  THS7319_14 Datasheet HTML 1Page - Texas Instruments THS7319_14 Datasheet HTML 2Page - Texas Instruments THS7319_14 Datasheet HTML 3Page - Texas Instruments THS7319_14 Datasheet HTML 4Page - Texas Instruments THS7319_14 Datasheet HTML 5Page - Texas Instruments THS7319_14 Datasheet HTML 6Page - Texas Instruments THS7319_14 Datasheet HTML 7Page - Texas Instruments THS7319_14 Datasheet HTML 8Page - Texas Instruments THS7319_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PIN CONFIGURATION
DeviceCode
YearandMonth
ofAssembly
PinA1Index
NXN
YM
A
2
1
3
B
C
Ch1IN
GND
Ch1OUT
Ch2IN
EN
Ch2OUT
Ch3IN
V
S+
Ch3OUT
V
S+
Enable
LPF
3-Pole
20-MHz
6dB
x1
Level
Shift
LPF
3-Pole
20-MHz
6dB
x1
Level
Shift
LPF
3-Pole
20-MHz
6dB
x1
Level
Shift
Channel1Input
Channel1Output
Channel2Input
Channel2Output
Channel3Input
Channel3Output
THS7319
www.ti.com.............................................................................................................................................................. SBOS468A – JUNE 2009 – REVISED JULY 2009
ZSV PACKAGE
ZSV PACKAGE
MicrostarCSP 9-BALL
MicrostarCSP 9-BALL
(TOP VIEW)
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
Channel 1 Input
A1
I
Video input, channel 1
GND
A2
I
Ground pin for all internal circuitry
Channel 1 Output
A3
O
Video output, channel 1
Channel 2 Input
B1
I
Video input, channel 2
Enable pin. Logic high enables the THS7319; logic low disables the THS7319.
Enable
B2
I
This pin must not be left floating.
Channel 2 Output
B3
O
Video output, channel 2
Channel 3 Input
C1
I
Video Input, channel 3
VS+
C2
I
Positive power-supply pin; connect to +2.6 V or +5 V.
Channel 3 Output
C3
O
Video output, channel 3
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS7319


Similar Part No. - THS7319_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7319IZSVR TI-THS7319IZSVR Datasheet
758Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
THS7319IZSVT TI-THS7319IZSVT Datasheet
758Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
More results

Similar Description - THS7319_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7319 TI-THS7319 Datasheet
758Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com