Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA657 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments OPA657 Datasheet HTML 10Page - Texas Instruments OPA657 Datasheet HTML 11Page - Texas Instruments OPA657 Datasheet HTML 12Page - Texas Instruments OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
65
70
75
80
85
10 k
100 k
1 M
10 M
1 G
f − Frequency − Hz
VS = ±15 V
RL = 1 k
RF = 10 k
CS = 100 PF
CF = 3 PF
CS = 18 PF
CF = 2 PF
CS = 47 PF
CF = 2.2 PF
50 W
50 W
RS
VS
C1
C2
IO
Network Analizer
I
O
V
S
(s) +
1
2 R
S
1 )
C1
C2
(Above the Pole Frequency)
I
O
V
S
(s) +
s
2 R
S
1)
C1
C2
s )
1
2 R
S C1)C2
85
90
95
100
105
10 k
100 k
1 M
10 M
1 G
f − Frequency − Hz
VS = ±15 V
RL = 1 k
RF = 100 k
CS = 47 PF
CF = 0.7 PF
CS = 100 PF
CF = 1 PF
CS = 18 PF
CF = 0.5 PF
1
2 R
S (C1 ) C2)
1
2 R
S
1 )
C1
C2
95
100
110
120
10 k
100 k
1 M
10 M
f − Frequency − Hz
125
VS = ±15 V
RL = 1 k
RF = 1 M
115
105
CS = 18 PF
CF = 0 PF
CS = 47 PF
CF = 0.2 PF
CS = 100 PF
CF = 0.2 PF
Z
O(s) +
C1
) C2
C1
C2
s
)
1
2 R
S C1)C2
s s
)
1
2 R
S
C1
Z
O [
1
s C2
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
Table 1. Transimpedance Performance Summary
is difficult to measure the frequency response with
for Various Configurations (continued)
traditional laboratory equipment because the circuit
requires a current as an input rather than a voltage.
10-k
Ω TRANSIMPEDANCE RESPONSES
Also, the capacitance of the current source has a
direct effect on the frequency response. A simple
interface circuit can be used to emulate a capacitive
current source with a network analyzer. With this
circuit, trans- impedance bandwidth measurements
are simplified, making amplifier evaluation easier and
faster.
Figure 35.
A.
The interface network creates a capacitive,
100-k
Ω TRANSIMPEDANCE RESPONSES
constant current source from a network
analyzer
and
properly
terminates
the
network analyzer at high frequencies.
Figure 38. Emulating a Capacitive Current Source
With a Network Analyzer
The
transconductance
transfer
function
of
the
interface circuit is:
(3)
The transfer function contains a zero at dc and a pole
Figure 36.
1-M
Ω TRANSIMPEDANCE RESPONSES
at:
. The transconductance is constant
at:
,
above
the
pole
frequency,
providing a controllable ac-current source. This circuit
also properly terminates the network analyzer with 50
Ω at high frequencies. The second requirement for
this current source is to provide the desired output
impedance, emulating the output impedance of a
photodiode or other current source. The output
impedance of this circuit is given by:
Figure 37.
(4)
Assuming C1
>> C2, the equation reduces to:
MEASURING TRANSIMPEDANCE
BANDWIDTH
, giving the appearance of a capacitive
While there is no substitute for measuring the
source at a higher frequency.
performance of a particular circuit under the exact
conditions that are used in the application, the
Capacitor values should be chosen to satisfy two
complete
system
environment
often
makes
requirements. First, C2 represents the anticipated
measurements harder. For transimpedance circuits, it
capacitance of the true source. Second C1 is chosen
Copyright
© 2004–2011, Texas Instruments Incorporated
11


Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA657 TI-OPA657 Datasheet
1Mb / 25P
[Old version datasheet]   OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
More results

Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com