Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFPS1008_1R5TR150F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NFPS1008_1R5TR150F
Description  Surface Mount Multilayer Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFPS1008_1R5TR150F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NFPS1008_1R5TR150F Datasheet HTML 1Page - NIC-Components Corp. NFPS1008_1R5TR150F Datasheet HTML 2Page - NIC-Components Corp. NFPS1008_1R5TR150F Datasheet HTML 3Page - NIC-Components Corp. NFPS1008_1R5TR150F Datasheet HTML 4Page - NIC-Components Corp. NFPS1008_1R5TR150F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Surface Mount Multilayer Inductor
NFP Series
NIC Partnumber
Inductance
(mH)
Tolerance
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(Ω)
Irms
(mA)
Isat
(mA)
Component
Thickness
(mm)
NFP0806_R47TR160F
0.47
±20% (M), ±30% (N)
1MHz
100
0.06 ± 25%
1600
-
0.9 ± 0.1
NFPS0806MR47TR150F
20%
0.08 ± 25%
1500
1600
NFPH0806MR47TR230F
±20% (M), ±30% (N)
90
0.04 ± 25%
2300
2500
NFPH0806MR68TR180F
0.68
±20% (M), ±30% (N)
80
0.06 ± 25%
1800
2000
NFP0806_1R0TR140F
1.0
±20% (M), ±30% (N)
70
0.09 ± 25%
1400
-
NFPS0806M1R0TR140F
20%
1200
NFPH0806M1R0TR150F
±20% (M), ±30% (N)
60
0.07 ± 25%
1500
1800
NFP0806_1R5TR120F
1.5
±20% (M), ±30% (N)
60
0.11 ± 25%
1200
-
NFPS0806M1R5TR120F
20%
700
NFP0806_2R2TR120F
2.2
±20% (M), ±30% (N)
50
0.11 ± 25%
1200
-
NFPS0806M2R2TR120F
20%
500
NFP0806_3R3TR120F
3.3
±20% (M), ±30% (N)
40
0.12 ± 25%
1200
-
NFPS0806M3R3TR120F
20%
330
NFP0806_4R7TR110F
4.7
±20% (M), ±30% (N)
30
0.14 ± 25%
1100
-
NFPS0806M4R7TR110F
20%
220
NFP0806M100TR80F
10
±20% (M)
15
0.25 ± 25%
800
-
1.1 ± 0.1
NIC Partnumber
Inductance
(mH)
Tolerance
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(Ω)
Irms
(mA)
Isat
(mA)
Component
Thickness
(mm)
NFP1008_R47TR180F
0.47
±20% (M), ±30% (N)
1MHz
100
0.04 ± 25%
1800
-
0.9 ± 0.1
NFPS1008_R47TR180F
±20% (M), ±30% (N)
105
1500
NFP1008_1R0TR160F
1.0
±20% (M), ±30% (N)
60
0.06 ± 25%
1600
-
NFPS1008_1R0TR160F
±20% (M), ±30% (N)
70
1400
NFP1008_1R5TR150F
1.5
±20% (M), ±30% (N)
50
0.07 ± 25%
1500
-
NFPS1008_1R5TR150F
±20% (M), ±30% (N)
65
1200
NFP1008_2R2TR130F
2.2
±20% (M), ±30% (N)
40
0.08 ± 25%
1300
-
NFPS1008_2R2TR130F
±20% (M), ±30% (N)
55
850
NFP1008_3R3TR120F
3.3
±20% (M), ±30% (N)
30
0.10 ± 25%
1200
-
NFPS1008_3R3TR120F
±20% (M), ±30% (N)
450
NFP1008_4R7TR110F
4.7
±20% (M), ±30% (N)
25
0.11 ± 25%
1100
-
NFPS1008_4R7TR110F
±20% (M), ±30% (N)
320
NFP1008_1R0TR150F
1.0
±20% (M), ±30% (N)
70
0.09 ± 25%
1500
-
1.1 ± 0.1
NFP1008_2R2TR100F
2.2
±20% (M), ±30% (N)
40
0.12 ± 25%
1000
-
NFP1008_3R3TR100F
3.3
±20% (M), ±30% (N)
30
0.12 ± 25%
1000
-
NFP1008_4R7TR90F
4.7
±20% (M), ±30% (N)
25
0.14 ± 25%
900
-
NFP1008M100TR80F
10
±20% (M)
15
0.30 ± 30%
800
-
NFP0806 SERIES
0806 CASE SIZE
NFP1008 SERIES
1008 CASE SIZE
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.


Similar Part No. - NFPS1008_1R5TR150F

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFP-100A-0112BF YAMAICHI-NFP-100A-0112BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-100A-0114BF YAMAICHI-NFP-100A-0114BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-100A-0122BF YAMAICHI-NFP-100A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-100A-0124BF YAMAICHI-NFP-100A-0124BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-100A-0314BF YAMAICHI-NFP-100A-0314BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
More results

Similar Description - NFPS1008_1R5TR150F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFH NIC-NFH Datasheet
141Kb / 4P
   Surface Mount Multilayer Inductor
logo
Caliber Electronics Inc...
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-201212 ETC2-LSML-201212 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-321611 ETC2-LSML-321611 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-321611 CALIBER-LSML-321611 Datasheet
27Kb / 1P
   Surface Mount Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com