Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLE-L470M35V8x11.5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NLE-L470M35V8x11.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLE-L470M35V8x11.5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NLE-L470M35V8x11.5F Datasheet HTML 1Page - NIC-Components Corp. NLE-L470M35V8x11.5F Datasheet HTML 2Page - NIC-Components Corp. NLE-L470M35V8x11.5F Datasheet HTML 3Page - NIC-Components Corp. NLE-L470M35V8x11.5F Datasheet HTML 4Page - NIC-Components Corp. NLE-L470M35V8x11.5F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
82
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NLE-L Series
LOW LEAKAGE CURRENT AND LONG LIFE ALUMINUM
ELECTROLYTIC CAPACITORS, POLARIZED, RADIAL LEADS
FEATURES
• LOW LEAKAGE CURRENT & LOW NOISE
• NEW REDUCED SIZES (Alternate Sizes on Request)
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
10 ~ 50Vdc
Capacitance Range
1.0 ~ 2200
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current
After 2 minutes At +20°C
0.002CV or 0.4
μA, whichever is greater
Surge Voltage &
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
10
16
25
35
50
S.V. (Vdc)
13
20
32
44
63
Tan
δ
0.16
0.13
0.12
0.10
0.08
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
2
1.5
1.5
1.5
1.5
Z-40°C/Z+20°C
54333
Load Life Test at Rated W.V. & +85°C
2,000 Hours for 5 ~ 10mm diameter
4,000 Hours for 12.5mm & up
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
S
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
Cap. (
μF)
Working Voltage (Vdc)
10
16
25
35
50
1.0
1R0
----
5x11
2.2
2R2
----
5x11
3.3
3R3
----
5x11
4.7
4R7
-
-
5x11
5x11
5x11
10
100
-
5x11
5x11
5x11
5x11
22
220
-
5x11
5x11
6.3x11
6.3x11
33
330
-
5x11
6.3x11
6.3x11
8x11.5
47
470
5x11
6.3x11
6.3x11
8x11.5
8x11.5
100
101
6.3x11
8x11.5
8x11.5
10x12.5
10x16
220
221
8x11.5
10x12.5
10x16
10x20
12.5x20
330
331
10x12.5
10x16
10x20
12.5x25
12.5x25
470
471
10x16
10x16
12.5x20
12.5x25
16x25
1000
102
12.5x20
12.5x20
16x25
16x25
-
2200
222
16x25
16x25
-
-
-
LEAD SPACING AND DIAMETER (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5


Similar Part No. - NLE-L470M35V8x11.5F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NLE-L4R7M1010X12.5F NTE-NLE-L4R7M1010X12.5F Datasheet
143Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE-L4R7M1010X16F NTE-NLE-L4R7M1010X16F Datasheet
143Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE-L4R7M105X11F NTE-NLE-L4R7M105X11F Datasheet
143Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE-L4R7M106.3X11F NTE-NLE-L4R7M106.3X11F Datasheet
143Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE-L4R7M108X11.5F NTE-NLE-L4R7M108X11.5F Datasheet
143Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NLE-L470M35V8x11.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com