Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4513 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
50
100
150
200
f -
-
Frequency
MHz
Gain=6dB,
V
=2V
Envelope
OD
PP
R =1kW
L
R =200 W
L
R =100 W
L
R =500 W
L
-100
-90
-80
-70
-60
-50
-40
-30
0
50
100
150
200
f
Frequency
MHz
-
-
Gain=6dB,
V
=2V
Envelope
OD
PP
R =200 W
L
R =100 W
L
R =500 W
L
R =1kW
L
0
50
100
150
200
-100
-90
-80
-70
-60
-50
-40
-30
f - Frequency
MHz
-
Gain=10dB,
V
=2V
Envelope
OD
PP
R =100 W
L
R =200 W
L
R =500 W
L
R =1kW
L
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
50
100
150
200
F-Frequency-MHz
Gain=10dB,
V
=2V
Envelope
OD
PP
R =200
L
W
R =100
L
W
R =1k
L
W
R =500
L
W
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
f − Frequency − MHz
R =1k
L
W
R =200
L
W
Gain=14dB,
V
=2V
Envelope
CO
PP
R =100
L
W
R =500
L
W
−100
−95
−90
−85
−80
−75
−70
−65
−60
0
50
100
150
200
f − Frequency − MHz
Gain=14dB
V
=2V
Envelope
OD
PP
R =100 W
L
R =500 W
L
R =1kW
L
R =200 W
L
THS4509
www.ti.com
SLOS454H – JANUARY 2005 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: VS+ – VS– = 5 V (continued)
Test conditions at VS+ = +2.5 V, VS– = –2.5V, CM = open, VO = 2 VPP, RF = 349 Ω, RL = 200-Ω differential, G = 10 dB,
single-ended input, and input and output referenced to midrail, unless otherwise noted.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 13.
Figure 14.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 15.
Figure 16.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4509


Similar Part No. - THS4513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com