Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3121IDGN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121IDGN
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3121IDGN Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3121IDGN Datasheet HTML 3Page - Texas Instruments THS3121IDGN Datasheet HTML 4Page - Texas Instruments THS3121IDGN Datasheet HTML 5Page - Texas Instruments THS3121IDGN Datasheet HTML 6Page - Texas Instruments THS3121IDGN Datasheet HTML 7Page - Texas Instruments THS3121IDGN Datasheet HTML 8Page - Texas Instruments THS3121IDGN Datasheet HTML 9Page - Texas Instruments THS3121IDGN Datasheet HTML 10Page - Texas Instruments THS3121IDGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
THS3120
THS3121
www.ti.com........................................................................................................................................ SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
At VS = ±5 V, RF = 750 Ω, RL = 50 Ω, and G = 2, unless otherwise noted.
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
UNIT
MAX
POWER SUPPLY
Specified operating voltage
±5
±4.5
±4.5
±4.5
V
MIN
Maximum quiescent current
6.5
8
10
10
mA
MAX
Minimum quiescent current
6.5
4
3.5
3.5
mA
MIN
VS+ = 5.5 V to 4.5 V,
Power-supply rejection (+PSRR)
71
62
57
57
dB
MIN
VS– = 5 V
VS+ = 5 V,
Power-supply rejection (–PSRR)
66
57
52
52
dB
MIN
VS- = –5.5 V to –4.5 V
POWER-DOWN CHARACTERISTICS (THS3120 Only)
VS+ – 4
MAX
REF voltage range (2)
V
VS–
MIN
PD
≤ REF
Enable
MIN
+ 0.8
Power-down voltage level(2)
V
PD
≥ REF
Disable
MAX
+ 2
Power-down quiescent current
PD
≥ REF + 2 V
200
450
500
500
µA
MAX
VPD = 0 V, REF = 0 V,
11
PD pin bias current
μA
TYP
VPD = 3.3 V, REF = 0 V
11
Turn-on time delay
90% of final value
4
μs
TYP
Turn-off time delay
10% of final value
6
Input impedance
3.4 || 1.7
k
Ω || pF
TYP
(2)
For more information, see the Application Information section of this data sheet.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3121IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3121IDGN TI-THS3121IDGN Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3121IDGN TI1-THS3121IDGN Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDGNG4 TI1-THS3121IDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDGNR TI-THS3121IDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3121IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com