Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4304DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 4Page - Texas Instruments THS4304DBVT Datasheet HTML 5Page - Texas Instruments THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
Table of Graphs
FIGURE
5 V
Frequency response
1–3, 5, 6
0.1-dB Flatness
4
Frequency response by package
7
S-Parameters
vs Frequency
8
2nd Harmonic distortion
vs Frequency
9, 11
3rd Harmonic distortion
vs Frequency
10, 12
2nd Harmonic distortion
vs Output voltage
13
3rd Harmonic distortion
vs Output voltage
14
IMD3
3rd Order intermodulation distortion
vs Frequency
15
OIP3
3rd Order output intercept point
vs Frequency
16
SR
Slew rate
vs Output voltage
17
Vn/In
Noise
vs Frequency
18
Noise figure
vs Frequency
19
Iq
Quiescent current
vs Supply voltage
20
Rejection ratio
vs Frequency
21
VO
Output voltage
vs Load resistance
22
VOS
Input offset voltage
vs Input common-mode voltage
23
IIB
Input bias and offset current
vs Case temperature
24
VOS
Input offset voltage
vs Case temperature
25
Open-loop gain
vs Frequency
26
VO
Small-signal transient response
27
VO
Large-signal transient response
28
VO
Settling time
29
VO
Overdrive recovery time
30
ZO
Output impedance
vs Frequency
31
3 V
Frequency response
32–35
2nd Harmonic distortion
vs Frequency
36
3rd Harmonic distortion
vs Frequency
37
Harmonic Distortion
vs Output voltage
38
SR
Slew rate
vs Output voltage
39
VO
Settling time
40
VO
Output voltage
vs Load resistance
41
IIB
Input bias and offset current
vs Case temperature
42
VOS
Input offset voltage
vs Case temperature
43
VO
Large-signal transient response
44
VO
Overdrive recovery time
45
ZO
Output impedance
vs Frequency
46
8


Similar Part No. - THS4304DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304DBVT TI-THS4304DBVT Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304DBVT TI1-THS4304DBVT Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
THS4304DBVTG4 TI1-THS4304DBVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
More results

Similar Description - THS4304DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
   HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
   WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com