Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DGN
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DGN Datasheet(HTML) 1 Page - Texas Instruments

  THS3201DGN Datasheet HTML 1Page - Texas Instruments THS3201DGN Datasheet HTML 2Page - Texas Instruments THS3201DGN Datasheet HTML 3Page - Texas Instruments THS3201DGN Datasheet HTML 4Page - Texas Instruments THS3201DGN Datasheet HTML 5Page - Texas Instruments THS3201DGN Datasheet HTML 6Page - Texas Instruments THS3201DGN Datasheet HTML 7Page - Texas Instruments THS3201DGN Datasheet HTML 8Page - Texas Instruments THS3201DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DBV-5
DGN-8
DGK-8
D-8
1
FEATURES
DESCRIPTION
APPLICATIONS
_
+
768
+7.5 V
49.9
VI
-7.5 V
50
Ω Source
Low-Noise, Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
768
50
THS3201
49.9
50
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
NONINVERTING SMALL SIGNAL
FREQUENCY RESPONSE
RF = 768 Ω
Gain = 2.
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
THS3201
www.ti.com ............................................................................................................................................................. SLOS416C – JUNE 2003 – REVISED JUNE 2009
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
23
• Unity-Gain Bandwidth: 1.8 GHz
The
THS3201
is
a
wideband,
high-speed
current-feedback amplifier, designed to operate over
• High Slew Rate: 6700 V/µs (G = 2 V/V,
a wide supply range of ±3.3 V to ±7.5 V for today's
RL = 100 Ω, 10-V Step)
high performance applications.
• IMD
3: –78 dBc at 20 MHz: (G = 10 V/V,
The wide supply range, combined with low distortion
RL = 100 Ω, 2-VPP Envelope)
and high slew rate, makes the THS3201 ideally
• Noise Figure: 11 dB (G = 10 V/V, R
G = 28 Ω,
suited for arbitrary waveform driver applications. The
RF = 255 Ω)
distortion
performance
also
enables
driving
high-resolution
and
high-sampling
rate
• Input-Referred Noise (f >10 MHz)
analog-to-digital converters (ADCs).
Voltage Noise: 1.65 nV/
√Hz
Its high voltage operation capabilities make the
Noninverting Current Noise: 13.4 pA/
√Hz
THS3201
especially
suitable
for
many
test,
Inverting Current Noise: 20 pA/
√Hz
measurement, and ATE applications where lower
• Output Drive: 100 mA
voltage devices do not offer enough voltage swing
capability. Output rise and fall times are nearly
• Power-Supply Voltage Range: ±3.3 V to ±7.5 V
independent
of
step
size
(to
first-order
approximation),
making
the
THS3201
ideal
for
buffering small to large step pulses with excellent
• Test and Measurement
linearity in high dynamic systems.
• ATE
The THS3201 is offered in a 5-pin SOT-23, 8-pin
• High-Resolution, High-Sampling Rate ADC
SOIC,
and
an
8-pin
MSOP
with
PowerPAD™
Drivers
packages.
• High-Resolution, High-Sampling Rate DAC
Output Buffers
RELATED DEVICES AND DESCRIPTIONS
DEVICE
DESCRIPTION
THS3202
±7.5-V, 2-GHz Dual Low Distortion CFB Amplifier
THS3001
±15-V, 420-MHz Low Distortion CFB Amplifier
THS3061/2
±15-V, 300-MHz Low Distortion CFB Amplifier
THS3122
±15-V, Dual CFB Amplifier With 350 mA Drive
OPA695
±5-V, 1.7-GHz Low Distortion CFB Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3201DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DGN TI-THS3201DGN Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201DGNR TI-THS3201DGNR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com