Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4303RGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4303RGTT
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4303RGTT Datasheet(HTML) 4 Page - Texas Instruments

  THS4303RGTT Datasheet HTML 1Page - Texas Instruments THS4303RGTT Datasheet HTML 2Page - Texas Instruments THS4303RGTT Datasheet HTML 3Page - Texas Instruments THS4303RGTT Datasheet HTML 4Page - Texas Instruments THS4303RGTT Datasheet HTML 5Page - Texas Instruments THS4303RGTT Datasheet HTML 6Page - Texas Instruments THS4303RGTT Datasheet HTML 7Page - Texas Instruments THS4303RGTT Datasheet HTML 8Page - Texas Instruments THS4303RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
THS4303 (Gain = +10 V/V) Specifications: V
S = 5 V, RL = 100 Ω, (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
MIN/
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
AC PERFORMANCE
Small signal bandwidth
G = +10, VO = 200 mVRMS
1.8
GHz
Typ
Gain bandwidth product
18
GHz
Typ
Full-power bandwidth
G = +10, VO = 2 Vpp
1.5
GHz
Typ
Slew rate
G = +10, VO = 2 V Step
5500
V/µs
Min
Harmonic distortion
RL = 100 Ω
–65
dBc
Second harmonic distortion
Typ
RL = 1 k Ω
–75
dBc
G = +10, VO = 1 VPP,
f = 70 MHz
RL = 100 Ω
–76
dBc
Third harmonic distortion
Typ
RL = 1 kΩ
–80
dBc
fc= 100 MHz
–85
dBc
Third order intermoduation
VO = 1 VPP envelope,
Typ
(IMD3)
200 kHz tone spacing
fc = 300 MHz
–70
dBc
fc = 100 MHz
34
dBm
Third order output intercept
VO = 1 VPP,
Typ
(OIP3)
200 kHz tone spacing
fc = 300 MHz
27
dBm
Total input referred noise
f = 1 MHz
2.5
nV/
√Hz
Typ
Noise figure
f = 100 MHz
16
dB
Typ
DC PERFORMANCE
9.9
9.8
9.8
9.8
V/V
Min
Voltage gain
VI = ±50 mV, VCM = 2.5 V
9.9
10
10
10
V/V
Max
Input offset voltage
1.5
4.25
5.25
5.25
mV
Max
Average offset voltage drift
±20
±20
µV/
°C
Typ
VCM = 2.5 V
Input bias current
7
10
13
15
µA
Max
Average bias current drift
±55
±55
nA/
°C
Typ
INPUT CHARACTERISTICS
Common-mode input range
1 / 4
1.1 / 3.9
1.2 / 3.8
1.2 / 3.8
V
Min
Common-mode rejection ratio
VCM = 2 V to 3 V
60
52
50
50
dB
Min
Noninverting input impedance
1.6
1
M
Ω pF
Typ
OUTPUT CHARACTERISTICS
Output voltage swing
1 / 4
1.1 / 3.9
1.2 / 3.8
1.2 / 3.8
V
Min
Output current (sourcing)
RL = 5 Ω
180
170
165
160
mA
Min
Output current (sinking)
RL = 5 Ω
180
170
165
160
mA
Min
Output impedance
f = 10 MHz
0.08
Typ
POWER SUPPLY
Specified operating voltage
5
5.5
5.5
5.5
V
Max
Maximum quiescent current
34
41
46
48
mA
Max
Minimum quiescent current
34
27
25
23
mA
Min
Power supply rejection (PSRR +) VS+ = 5 V to 4.5 V, VS– = 0 V
63
54
52
51
dB
Min
Power supply rejection (PSRR –) VS+ = 5 V, VS– = 0 V to 0.5 V
65
58
56
54
dB
Min
4


Similar Part No. - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303RGTT TI-THS4303RGTT Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com