Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS3201DBVRG4
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3201DBVRG4 Datasheet HTML 4Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 5Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 6Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 7Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 8Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 9Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 10Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 11Page - Texas Instruments THS3201DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs (VS = ±7.5 V)
THS3201
SLOS416C – JUNE 2003 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
FIGURE
Noninverting small-signal frequency response
1, 2
Inverting small-signal frequency response
3
Noninverting large-signal frequency response
4
Inverting large-signal frequency response
5
0.1 dB gain flatness frequency response
6
Capacitive load frequency response
7
Recommended switching resistance
vs Capacitive Load
8
2nd harmonic distortion
vs Frequency
9
3rd harmonic distortion
vs Frequency
10
2nd harmonic distortion, G = 2
vs Output voltage
11
3rd harmonic distortion, G = 2
vs Output voltage
12
2nd harmonic distortion, G = 5
vs Output voltage
13
3rd harmonic distortion, G = 5
vs Output voltage
14
2nd harmonic distortion, G = 10
vs Output voltage
15
3rd harmonic distortion, G = 10
vs Output voltage
16
Third-order intermodulation distortion (IMD3)
vs Frequency
17
S-Parameter
vs Frequency
18, 19
Input voltage and current noise
vs Frequency
20
Noise figure
vs Frequency
21
Transimpedance
vs Frequency
22
Input offset voltage
vs Case Temperature
23
Input bias and offset current
vs Case Temperature
24
Slew rate
vs Output voltage step
25
Settling time
26, 27
Quiescent current
vs Supply voltage
28
Output voltage
vs Load resistance
29
Rejection ratio
vs Frequency
30
Noninverting small-signal transient response
31
Inverting large-signal transient response
32
Overdrive recovery time
33
Differential gain
vs Number of loads
34
Differential phase
vs Number of loads
35
Closed-loop output impedance
vs Frequency
36
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3201


Similar Part No. - THS3201DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DBVR TI-THS3201DBVR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com