Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6730 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N6730
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N6730 Datasheet(HTML) 1 Page - Diodes Incorporated

  2N6730 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 100 Volt VCEO
* Gain of 20 at IC = 0.5 Amp
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL 2N6728
2N6729
2N6730
UNIT
Collector-Base Voltage
VCBO
-60
-80
-100
V
Collector-Emitter Voltage
VCEO
-60
-80
-100
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb= 25°C
Ptot
1W
Operating and Storage Temperature Range Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
2N6728
2N6729
2N6730
UNIT CONDITIONS.
MIN. MAX MIN. MAX MIN. MAX
Collector-Base
Breakdown Voltage
V(BR)CBO
-60
-80
-100
V
IC=-0.1mA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-60
-80
-100
V
IC=-1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
-5
V
IE=-1mA, IC=0
Collector Cut-Off
Current
ICBO
-1
-1
-1
µ
A
µ
A
µ
A
VCB=-60V, IE=0
VCB=-80V, IE=0
VCB=-100V, IE=0
Emitter Cut-Off
Current
IEBO
-1
-1
-1
µ
A
VEB=-5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
-0.35
-0.5
-0.35
-0.5
-0.35
VIC=-250mA,IB=-10mA*
IC=-250mA,IB=-25mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-1.2
-1.2
-1.2 V
IC=-250mA, VCE=-1V*
Static Forward
Current Transfer
Ratio
hFE
80
50
20
250
80
50
20
250
80
50
20
250
IC=-50mA, VCE=-1V*
IC=-250mA, VCE=-1V*
IC=-500mA, VCE=-1V*
Transition
Frequency
fT
50
500 50
500 50
500 MHz IC=-50mA, VCE=-10V
Collector Base
Capacitance
CCB
30
30
30
pF
VCE=-10V, f=1MHz
E-Line
TO92 Compatible
2N6728
2N6729
2N6730
3-9
C
B
E


Similar Part No. - 2N6730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6730 ETC-2N6730 Datasheet
28Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
2N6730 ZETEX-2N6730 Datasheet
31Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6730 NJSEMI-2N6730 Datasheet
91Kb / 1P
   SI PNP POWER BJT
logo
Continental Device Indi...
2N6730 CDIL-2N6730 Datasheet
191Kb / 3P
   PNP SILICON PLANAR EPITAXIALTRANSISTORS
logo
New Jersey Semi-Conduct...
2N6730 NJSEMI-2N6730 Datasheet
45Kb / 1P
   COMPLEMENTARY SILICON
More results

Similar Description - 2N6730

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6728 ETC-2N6728 Datasheet
28Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX554 ZETEX-ZTX554 Datasheet
56Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX549 DIODES-ZTX549_15 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552_15 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX549 DIODES-ZTX549 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX754 DIODES-ZTX754 Datasheet
83Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX550 DIODES-ZTX550_15 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX549 ZETEX-ZTX549 Datasheet
56Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX754 ZETEX-ZTX754 Datasheet
51Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com