Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3095 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3095 Datasheet(HTML) 4 Page - Texas Instruments

  THS3095 Datasheet HTML 1Page - Texas Instruments THS3095 Datasheet HTML 2Page - Texas Instruments THS3095 Datasheet HTML 3Page - Texas Instruments THS3095 Datasheet HTML 4Page - Texas Instruments THS3095 Datasheet HTML 5Page - Texas Instruments THS3095 Datasheet HTML 6Page - Texas Instruments THS3095 Datasheet HTML 7Page - Texas Instruments THS3095 Datasheet HTML 8Page - Texas Instruments THS3095 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ELECTRICAL CHARACTERISTICS
THS3091
THS3095
SLOS423G – SEPTEMBER 2003 – REVISED OCTOBER 2008........................................................................................................................................ www.ti.com
VS = ±15 V, RF = 1.21 kΩ, RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0°C to
–40°C to
MIN/TYP/
25°C
25°C
UNIT
70°C
85°C
MAX
AC PERFORMANCE
G = 1, RF = 1.78 kΩ, VO = 200 mVPP
235
G = 2, RF = 1.21 kΩ, VO = 200 mVPP
210
Small-signal bandwidth, –3 dB
G = 5, RF = 1 kΩ, VO = 200 mVPP
190
MHz
TYP
G = 10, RF = 866 Ω, VO = 200 mVPP
180
0.1-dB bandwidth flatness
G = 2, RF = 1.21 kΩ, VO = 200 mVPP
95
Large-signal bandwidth
G = 5, RF = 1 kΩ , VO = 4 VPP
135
G = 2, VO = 10-V step, RF = 1.21 kΩ
5000
Slew rate (25% to 75% level)
V/
µs
TYP
G = 5, VO = 20-V step, RF = 1 kΩ
7300
Rise and fall time
G = 2, VO = 5-VPP, RF = 1.21 kΩ
5
ns
TYP
Settling time to 0.1%
G = –2, VO = 2 VPP step
42
ns
TYP
Settling time to 0.01%
G = –2, VO = 2 VPP step
72
Harmonic distortion
RL = 100Ω
66
2nd Harmonic distortion
RL = 1 kΩ
77
G = 2, RF = 1.21 kΩ,
dBc
TYP
VO = 2 VPP, f = 10 MHz
RL = 100 Ω
74
3rd Harmonic distortion
RL = 1 kΩ
69
Input voltage noise
f > 10 kHz
2
nV /
√Hz
TYP
Noninverting input current noise
f > 10 kHz
14
pA /
√Hz
TYP
Inverting input current noise
f > 10 kHz
17
pA /
√Hz
TYP
NTSC
0.013%
Differential gain
PAL
0.011%
G = 2, RL = 150 Ω,
TYP
RF = 1.21 kΩ
NTSC
0.020°
Differential phase
PAL
0.026°
DC PERFORMANCE
Transimpedance
VO = ±7.5 V, Gain = 1
850
350
300
300
k
MIN
Input offset voltage
0.9
3
4
4
mV
MAX
VCM = 0 V
Average offset voltage drift
±10
±10
µV/°C
TYP
Noninverting input bias current
4
15
20
20
µA
MAX
VCM = 0 V
Average bias current drift
±20
±20
nA/°C
TYP
Inverting input bias current
3.5
15
20
20
µA
MAX
VCM = 0 V
Average bias current drift
±20
±20
nA/°C
TYP
Input offset current
1.7
10
15
15
µA
MAX
VCM = 0 V
Average offset current drift
±20
±20
nA/°C
TYP
INPUT CHARACTERISTICS
Common-mode input range
±13.6
±13.3
±13
±13
V
MIN
Common-mode rejection ratio
VCM = ±10 V
69
62
59
59
dB
MIN
Noninverting input resistance
1.3
M
TYP
Noninverting input capacitance
0.1
pF
TYP
Inverting input resistance
30
TYP
Inverting input capacitance
1.4
pF
TYP
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): THS3091 THS3095


Similar Part No. - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095 TI-THS3095 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3095 TI-THS3095 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095 TI-THS3095 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3095 TI-THS3095 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com