Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFI06-1R5TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NFI06-1R5TRF
Description  Ferrite Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFI06-1R5TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NFI06-1R5TRF Datasheet HTML 1Page - NIC-Components Corp. NFI06-1R5TRF Datasheet HTML 2Page - NIC-Components Corp. NFI06-1R5TRF Datasheet HTML 3Page - NIC-Components Corp. NFI06-1R5TRF Datasheet HTML 4Page - NIC-Components Corp. NFI06-1R5TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Inductor
NFI Series
Case Size
NFI06
NFI08
NFI12
0603
0805
1206
Inductance Range
0.047μH ~ 10μH
0.047μH ~ 33μH
0.12μH ~ 33μH
Available Tolerance*
5% (J), 10% (K), 15% (L), 20% (M), 25% (N)
Temperature Range
-40°C ~ +85°C
Resistance to Solder Heat
260°C for 10 seconds
Temperature Rise
Delta T at IDC +30°C max.
NFI 06 K R22 TR F
RoHS Compliant
Tape & Reel Packaging
Inductance Code, value in μH,
R = decimal point
Tolerance Code (see specifications table)
Case Code (see available values tables)
Series
PART NUMBER SYSTEM
DIMENSIONS (mm)
TERMINATION:
(Nickel Barrier
with Sn Finish)
D
D
A
B
C
Type
Case Size
A
B
C
D
NFI06
0603
1.6 ± 0.15 0.8 ± 0.15
0.8 ± 0.15
0.3 ± 0.2
NFI08
0805
2.0 ± 0.15 1.25 ± 0.15
0.85 ± 0.20
0.5 ± 0.3
1.25 ± 0.20
NFI12
1206
3.2 ± 0.20 1.6 ± 0.20
1.1 ± 0.30
0.5 ± 0.3
FEATURES
• SURFACE MOUNT CASE SIZES (0603 ~ 1206)
• DURABLE MULTILAYER CONSTRUCTION
• MAGNETICALLY SHEILDED
• TAPE & REEL PACKAGING FOR AUTOMATIC INSERTION
• BOTH FLOW AND REFLOW SOLDERABLE
• Pb-FREE/RoHS COMPLIANT
SPECIFICATIONS
CASE SIZE DIMENSIONS (mm)
Case Size
E
F
G
0603
2.6
0.6
0.8
0805
3
1
1
1206
4.4
2.2
1.4
E
F
G
LAND PATTERN DIMENSIONS (mm)
RECOMMENDED REFLOW SOLDERING PROFILE
50
100
150
200
250
Peak Temperature
(260°C for 10 sec.)
Time (Seconds)
150°C 60 sec.
60 sec.
25
Time above 230°C
60 sec.
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*10% (K) tolerance is standard. Minimum order requirement may apply for optional tolerances.


Similar Part No. - NFI06-1R5TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFI06100TRF NIC-NFI06100TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R0TRF NIC-NFI061R0TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R2TRF NIC-NFI061R2TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R5TRF NIC-NFI061R5TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R8TRF NIC-NFI061R8TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
More results

Similar Description - NFI06-1R5TRF

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CFL252018CF FENGJUI-CFL252018CF Datasheet
146Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
FENGJUI TECHNOLOGY CO.,...
CFL252018SF FENGJUI-CFL252018SF Datasheet
150Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
CFL322522SF FENGJUI-CFL322522SF Datasheet
144Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
FENGJUI TECHNOLOGY CO.,...
CFL161010CF FENGJUI-CFL161010CF Datasheet
152Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
CFL201212SF FENGJUI-CFL201212SF Datasheet
259Kb / 4P
   FERRITE CHIP INDUCTOR-RoHS
logo
Abracon Corporation
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com