Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42375-0053 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42375-0053
Description  KK짰 254 Breakaway Header, Vertical, 18 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42375-0053 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42375-0053 Datasheet HTML 1Page - Molex Electronics Ltd. 42375-0053 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Old Part Number
42375-0053
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42375-001
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42375-0053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42375-0053 MOLEX2-42375-0053 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
More results

Similar Description - 42375-0053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-4283 MOLEX11-22-28-4283 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 28 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4033 MOLEX11-22-28-4033 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 3 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4043 MOLEX11-22-28-4043 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 4 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4113 MOLEX11-22-28-4113 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 11 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4153 MOLEX11-22-28-4153 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 15 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4203 MOLEX11-22-28-4203 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 20 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4223 MOLEX11-22-28-4223 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 22 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4073 MOLEX11-22-28-4073 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 7 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4083 MOLEX11-22-28-4083 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 8 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4323 MOLEX11-22-28-4323 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 32 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com