Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACKA680M80V12.5X14TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACKA680M80V12.5X14TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACKA680M80V12.5X14TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACKA680M80V12.5X14TR13F Datasheet HTML 1Page - NIC-Components Corp. NACKA680M80V12.5X14TR13F Datasheet HTML 2Page - NIC-Components Corp. NACKA680M80V12.5X14TR13F Datasheet HTML 3Page - NIC-Components Corp. NACKA680M80V12.5X14TR13F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
64
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100KHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NACKA332M6.3V12.5X14TR13F
3300
6.3
0.30
1100
0.060
5,000
NACKA682M6.3V16X17TR13F
6800
0.36
1800
0.035
5,000
NACKA222M10V12.5X14TR13F
2200
10
0.21
1100
0.060
5,000
NACKA472M10V16X17TR13F
4700
0.25
1800
0.035
5,000
NACKA682M10V18X17TR13F
6800
0.29
2060
0.033
5,000
NACKA152M16V12.5X14TR13F
1500
16
0.16
1100
0.060
5,000
NACKA332M16V16X17TR13F
3300
0.20
1800
0.035
5,000
NACKA472M16V18X17TR13F
4700
0.22
2060
0.033
5,000
NACKA102M25V12.5X14TR13F
1000
25
0.14
1100
0.060
5,000
NACKA152M25V16X17TR13F
1500
0.16
1800
0.035
5,000
NACKA222M25V16X17TR13F
2200
0.16
1800
0.035
5,000
NACKA332M25V18X17TR13F
3300
0.18
2060
0.033
5,000
NACKA471M35V12.5X14TR13F
470
35
0.12
1100
0.060
5,000
NACKA681M35V12.5X14TR13F
680
0.12
1100
0.060
5,000
NACKA102M35V16X17TR13F
1000
0.12
1800
0.035
5,000
NACKA152M35V16X17TR13F
1500
0.12
1800
0.035
5,000
NACKA331M50V12.5X14TR13F
330
50
0.12
900
0.120
5,000
NACKA391M50V12.5X14TR13F
390
0.12
900
0.120
5,000
NACKA471M50V16X17TR13F
470
0.12
1610
0.073
5,000
NACKA561M50V16X17TR13F
560
0.12
1610
0.073
5,000
NACKA681M50V16X17TR13F
680
0.12
1610
0.073
5,000
NACKA102M50V16X17TR13F
1000
0.12
1610
0.073
5,000
NACKA151M63V12.5X14TR13F
150
63
0.10
800
0.160
5,000
NACKA221M63V12.5X14TR13F
220
0.10
800
0.160
5,000
NACKA471M63V16X17TR13F
470
0.10
1410
0.082
5,000
NACKA681M63V18X17TR13F
680
0.10
1680
0.080
5,000
NACKA680M80V12.5X14TR13F
68
80
0.08
500
0.320
5,000
NACKA101M80V12.5X14TR13F
100
0.08
500
0.320
5,000
NACKA151M80V12.5X14TR13F
150
0.08
500
0.320
5,000
NACKA331M80V16X17TR13F
330
0.08
793
0.170
5,000
NACKA471M80V18X17TR13F
470
0.08
917
0.153
5,000
NACKA470M100V12.5X14TR13F
47
100
0.07
500
0.320
5,000
NACKA680M100V12.5X14TR13F
68
0.07
500
0.320
5,000
NACKA101M100V16X17TR13F
100
0.07
793
0.170
5,000
NACKA151M100V16X17TR13F
150
0.07
793
0.170
5,000
NACKA221M100V18X17TR13F
220
0.07
917
0.153
5,000
NACKA331M100V18X17TR13F
330
0.07
917
0.153
5,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors NACKA Series
NACKA 102 M 35V 16x17 TR 13 WT F
RoHS Compliant
Terminations (100% Sn)
Optional WT = Wide Terminal
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM


Similar Part No. - NACKA680M80V12.5X14TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACKA680M80V125X14TR13F NIC-NACKA680M80V125X14TR13F Datasheet
71Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACKA680M80V12.5X14TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com