Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBPS145A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CBPS145A
Description  PUSH SPACER SUPPORT POSTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBPS145A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CBPS145A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Choice Free Samples Ships Today sales@essentracomponents-toolsupply.com
More Choice
Free Samples Ships Today salesdistribution@essentracomponents.com
More Choice
Free Samples
Ships Today
salesus@essentracomponents.com
More Choice
Free Samples
Ships Today
sales@essentracomponents.com
684
PUSH SPACER SUPPORT POSTS
PST Series
Teardrop Push Spacer
Specifications:
• Material: Nylon 6/6
• Color: Natural
• Flame Class: UL94 V-2
Snap-Lock:
.100 ± .002 (2.5 ± 0.1 )
Panel Thickness:
.064 (1.6) Max
Ø11/64 (4.4)
A
.08 (2.0)
Item
No.
A
Bulk Pack
Qty.
In
mm
PST-1-01
0.063
1.6
1000
PST-2-01
0.125
3.2
1000
PST-3-01
0.188
4.8
1000
PST-4-01
0.250
6.4
1000
PST-5-01
0.313
7.9
1000
Item
No.
A
Bulk Pack
Qty.
In
mm
PST-6-01
0.375
9.5
1000
PST-7-01
0.438
11.1
1000
PST-8-01
0.500
12.7
1000
PST-9-01
0.563
14.3
1000
PST-10-01 0.625 15.9
1000
CBTFS
Threaded Female Locking Supports
Features:
• Threaded female support provides an
exceptionally robust hold to the chassis
• Easily disassembled for change or repair
in the field
Specifications:
• Material: Nylon 6/6
• Color: Natural
• Flame Class: UL94 V-2
To Lock Hole:
.157 (4.0)
Panel Thickness:
.047–.067 (1.2–1.7)
A
.27 (6.9)
For (M3)
Self-Tapped Screw
.29 (7.4)
.43 (10.8)
.10 (2.5)
Item
No.
A
Bulk Pack
Qty.
In
mm
CBTFS005A 0.197 5.0
1000
CBTFS010A 0.250 6.4
1000
CBTFS015A 0.276 7.0
1000
CBTFS020A 0.394 10.0
1000
CBTFS025A 0.591 15.0
1000
Item
No.
A
Bulk Pack
Qty.
In
mm
CBTFS030A 0.787 20.0
1000
CBTFS035A 0.984 25.0
1000
CBTFS040A 1.181 30.0
1000
CBTFS045A 1.378 35.0
1000
CBTFS Series (Threaded Female Locking Supports)
can be used with the following screws:
Threads: M3
SXHM Series - SCSM Series - SPXM Series -
Page: 784
Page: 787
Page: 786
CBPSW Series
Wide Base Push Spacers
Specifications:
• Material: Nylon 6/6
• Color: Natural
• Flame Class: UL94 V-2
Features:
• The wide base design on both ends provides additional
support for heavily loaded PCBs.
• Eliminates screws, nuts and lock washers from mounting
Item
No.
A
Style
Bulk Pack
Qty.
In
mm
CBPSW005A 0.118 3.0
1
2000
CBPSW010A 0.138 3.5
1
2000
CBPSW015A 0.157 4.0
1
2000
CBPSW020A 0.177 4.5
2
2000
CBPSW025A 0.197 5.0
3
2000
CBPSW030A 0.217 5.5
2
2000
A
.24 (6.0)
.11 (2.8)
To Lock in Hole:
.137 (3.5)
Panel Thickness:
.047–.067 (1.2–1.7)
.20 (5.0)
.24 (6.0)
A
Style 1
Style 2
Style 3
Item
No.
A
Style
Bulk Pack
Qty.
In
mm
CBPSW035A 0.236 6.0
2
2000
CBPSW040A 0.256 6.5
2
2000
CBPSW045A 0.276 7.0
2
2000
CBPSW050A 0.531 13.5 2
2000
CBPSW055A 1.024 26.0 2
2000
A
5/32
(4)
Bottom Hole:
Snap-lock: .125 (3.18)
Panel Thickness:
.031 - .078 (0.79 - 1.98)
Ø11/64
(4.4)
3/8 (9.5)
Ref
PSM
Mini Push Spacer
• Supports heavily loaded PC boards
• Often used with Richco LCBS series
• Material: UL94 V-2 Nylon 6/6
• Color: Natural
Item
No.
“A”
Standoff Height
Bulk Pack
Qty.
PSM-2-01
1/8 (3.2)
1000
PSM-3-01
3/16 (4.8)
1000
PSM-4-01
1/4 (6.4)
1000
PSM-5-01
5/16 (7.9)
1000
PSM-6-01
3/8 (9.5)
1000
Item
No.
“A”
Standoff Height
Bulk Pack
Qty.
PSM-7-01
7/16 (11.1)
1000
PSM-8-01
1/2 (12.7)
1000
PSM-9-01
9/16 (14.3)
1000
PSM-10-01
5/8 (15.9)
1000
A
3.5
mm
Bottom Hole:
Snap-lock: 3 - 3.1mm
Panel Thickness:
1.6mm
7mm
• Sturdy construction supports heavily loaded PCB’s
• Allows easy access to underside of board
• Material: Nylon 6/6
• Color: Natural
PSD
Metric Push Spacer
Item
No.
“A”
Standoff Height
mm
Bulk Pack
Qty.
Material: UL94 V-2
Material: UL94 V-0
PSD-4M-01
PSD-4M-19
4
1000
PSD-6M-01
PSD-6M-19
6
1000
PSD-7M-01
PSD-7M-19
7
1000
PSD-8M-01
PSD-8M-19
8
1000
PSD-10M-01
PSD-10M-19
10
1000
PSD-12M-01
PSD-12M-19
12
1000
PSD-14M-01
PSD-14M-19
14
1000
PSD-18M-01
PSD-18M-19
18
1000
A
.13 (3.2)
.37 (9.5)
To Lock in Hole:
.118 (3.0)
Panel Thickness:
.031–.078 (0.8–2.0)
Item
No.
A
Bulk Pack
Qty.
In
mm
CBPS105A 0.125
3.2
1000
CBPS110A 0.187
4.8
1000
CBPS115A 0.250
6.4
1000
CBPS120A 0.312
7.9
1000
CBPS125A 0.375
9.5
1000
Item
No.
A
Bulk Pack
Qty.
In
mm
CBPS130A 0.437 11.1
1000
CBPS135A 0.500 12.7
1000
CBPS140A 0.562 14.3
1000
CBPS145A 0.625 15.9
1000
CBPS150A 0.748 19.0
1000
CBPS
Push In Spacers
Specifications:
• Material: Nylon 6/6
• Color: Natural
• Flame Class: UL94 V-2
Features:
• The tension wing design offers
extra support and a secure fit
• No fasteners required for mount-
ing due to the one-piece design
Pages 0682 - 0691.indd 684
11/6/2013 4:22:42 PM


Similar Part No. - CBPS145A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP-1000F MINI-CBP-1000F Datasheet
383Kb / 3P
   Bandpass Filter
CBP-1000F++ MINI-CBP-1000F+ Datasheet
383Kb / 3P
   Bandpass Filter
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1023A++ MINI-CBP-1023A+ Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1034C MINI-CBP-1034C Datasheet
451Kb / 3P
   Bandpass Filter
More results

Similar Description - CBPS145A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
709670120 WURTH-709670120 Datasheet
114Kb / 1P
   SPACER SUPPORT
709658000 WURTH-709658000 Datasheet
60Kb / 1P
   SPACER SUPPORT
709670030 WURTH-709670030 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670035 WURTH-709670035 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670050 WURTH-709670050 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670070 WURTH-709670070 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670110 WURTH-709670110 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670020 WURTH-709670020 Datasheet
114Kb / 1P
   SPACER SUPPORT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com