Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZH101M16V5X6.1NBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAZH101M16V5X6.1NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZH101M16V5X6.1NBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAZH101M16V5X6.1NBF Datasheet HTML 1Page - NIC-Components Corp. NAZH101M16V5X6.1NBF Datasheet HTML 2Page - NIC-Components Corp. NAZH101M16V5X6.1NBF Datasheet HTML 3Page - NIC-Components Corp. NAZH101M16V5X6.1NBF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAZH Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• REDUCED SIZE
• SUIT FOR HIGH TEMPERATURE REFLOW SOLDERING (UP TO 260°C)
• 2,000 HOUR LOAD LIFE @ +105°C
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
10 ~ 2,200
μF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
μA
whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
Tan
δ @ 120Hz/20°C
0.26
0.19
0.16
0.14
0.12
0.10
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-25°C/Z+20°C
222222
Z-40°C/Z+20°C
333333
Z-55°C/Z+20°C
444333
Load Life Test @ 105°C
All Case Sizes = 2,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±200% of the specified maximum value
Leakage Current
Less than the specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
NAZH 101 M 25V 6.3x6.1 N B F
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Cap.
(
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
10
100
-
-
-
-
-
(4x6.1)
5x6.1
22
220
-
-
-
4x6.1
4x6.1
5x6.1
33
330
-
-
-
4x6.1
5x6.1
-
47
470
-
-
4x6.1
5x6.1
5x6.1
6.3x6.1
68
680
-
4x6.1
5x6.1
5x6.1
6.3x6.1
-
100
101
4x6.1
-
5x6.1
6.3x6.1 6.3x6.1
6.3x8
150
151
-
5x6.1
6.3x6.1
6.3x8
6.3x8
-
220
221
5x6.1
6.3x6.1 6.3x6.1
6.3x8
-
8x10.5
330
331
6.3x6.1
6.3x8
6.3x8
-
8x10.5 10x10.5
470
471
6.3x8
6.3x8
-
8x10.5
-
-
560
561
-
-
-
-
10x10.5
-
680
681
6.3x8
-
8x10.5
-
-
-
820
821
-
-
-
8x10.5
-
-
1000
102
-
8x10.5 10x10.5
-
-
-
1500
152
8x10.5 10x10.5
----
2200
222 10x10.5
-
----
DIMENSIONS (mm) AND 13" REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3 Qty/Reel
4x6.1
4.0
6.1
4.3
4.3
1.8 0.5~0.8
1.0
1,200
5x6.1
5.0
6.1
5.3
5.3
2.2 0.5~0.8
1.5
800
6.3x6.1
6.3
6.1
6.6
6.6
2.6 0.5~0.8
1.8
800
6.3x8
6.3
8
6.6
6.6
2.6 0.5~0.8
1.8
500
8x10.5
8.0
10.5
8.3
8.3
3.4 0.7~1.1
3.1
300
10x10.5
10.0
10.5
10.3
10.3
3.5 0.7~1.1
4.6
300
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Code
Peak Reflow
Temperature
N
260°C
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
S
100% Sn Finish & 13" Reel
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
260°C
*See Part Number System for Details
P
N
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
( ) In Development
t
Voltage Rating
Series
Capacitance
Production Code
Polarity Marking


Similar Part No. - NAZH101M16V5X6.1NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZH101M16V5X61NBF NIC-NAZH101M16V5X61NBF Datasheet
106Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZH101M16V5X6.1NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com