Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZV221M6.3V6.3X8.7LBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAZV221M6.3V6.3X8.7LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZV221M6.3V6.3X8.7LBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAZV221M6.3V6.3X8.7LBF Datasheet HTML 1Page - NIC-Components Corp. NAZV221M6.3V6.3X8.7LBF Datasheet HTML 2Page - NIC-Components Corp. NAZV221M6.3V6.3X8.7LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
Case Size
A ± 0.3
B ± 0.3
C ± 0.3
D ± 0.1
P ± 0.1
T ± 0.2
t ± 0.1
5X7.3
5.7
5.7
12.0
5.5
12.0
7.1
0.4
6.3X7.3
7.0
7.0
16.0
7.5
12.0
7.5
0.4
6.3X8.7
7.0
7.0
16.0
7.5
12.0
9.2
0.4
8X10.5
8.7
8.7
24.0
11.5
16.0
11.1
0.4
10X10.5
10.7
10.7
24.0
11.5
16.0
11.2
0.4
3.0
± 0.5
21
±0.8
2.0±0.5
W
T
A
P
Feeding
+
-
1.5 +0.1/-
1.75
±
1.5+0.1/-0
1.75 + 0.15
t
4 + 0.1
EMBOSSED CARRIER DIMENSIONS (mm)
REEL DIMENSIONS AND QUANTITIES
Case Size
W ± 1.0
Reel Quantity
330mm
Reel Quantity
380mm
5X7.3
14
800
1,000
6.3X7.3
18
800
1,000
6.3X8.7
18
500
800
8X10.5
26
300
500
10X10.5
26
300
500
Surface Mount Aluminum Electrolytic Capacitors NAZV Series


Similar Part No. - NAZV221M6.3V6.3X8.7LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZV221M63V63X87LBF NIC-NAZV221M63V63X87LBF Datasheet
102Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZV221M6.3V6.3X8.7LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com